Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-3030G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRS-3030G
Description  5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-3030G Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRS-3030G Datasheet HTML 1Page - Optoway Technology Inc TRS-3030G Datasheet HTML 2Page - Optoway Technology Inc TRS-3030G Datasheet HTML 3Page - Optoway Technology Inc TRS-3030G Datasheet HTML 4Page - Optoway Technology Inc TRS-3030G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRS-3030G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
1
TRS-3030G / TRS-3030TG / TRS-3030FG / TRS-3030AG / TRS-3030ATG / TRS-3030AFG
5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Duplex SC Single Mode Transceiver: TRS-3030G
l Duplex ST Single Mode Transceiver : TRS-3030TG
l Duplex FC Single Mode Transceiver : TRS-3030FG
l Intermediate-Reach SONET OC-3 / SDH STM-1 (S-1.1)
Compliant
l Industry Standard 1 x 9 Footprint
l Single +5 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : TRS-3030G
l -40 to 85oC Operating: TRS-3030AG
l PECL Signal Detect Output
l LED Multisourced 1 x 9 Transceiver Interchangeable
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM 155 Mbps Links
l SONET/SDH Equipment Interconnect
l Fast Ethernet 100 Mb/s Links
DESCRIPTION
The TRS-3030G series single mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such as SONET OC-3 / SDH
STM-1 (S-1.1). This module is designed for single mode
fiber and operates at a nominal wavelength of 1310 nm. The
transmitter section uses a multiple quantum well laser
and is a class 1 laser compliant according to International
Safety Standard IEC-60825. The receiver section uses an
integrated InGaAs detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC. A PECL
logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Voltage
(V)
Package
Temp.
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
RoHS
Compliant
TRS-3030G
155
IR-1/S-1.1
30
1310
5
1X9 SC/ST/FC
0 to 70
-8 to -15
-34
Y
TRS-3030AG
155
IR-1/S-1.1
30
1310
5
1X9 SC/ST/FC
-40 to 85 -8 to -15
-34
Y
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-40
70
85
oC
TRS-3030G
TRS-3030AG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
4.75
5
5.25
V
Operating Temperature
Topr
0
-40
70
85
oC / TRS-3030G
oC / TRS-3030AG
Data Rate
155
Mb/s
Power Supply Current
Icc
240
mA


Similar Part No. - TRS-3030G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRS-3020 ETC1-TRS-3020 Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps OPTICAL SINGLE-MODE TRANSCEIVER
logo
Optoway Technology Inc
TRS-3020G OPTOWAY-TRS-3020G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3050AG OPTOWAY-TRS-3050AG Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3050G OPTOWAY-TRS-3050G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3060G OPTOWAY-TRS-3060G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-3030G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3050G OPTOWAY-TRS-3050G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3080G OPTOWAY-TRS-3080G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3060G OPTOWAY-TRS-3060G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3020G OPTOWAY-TRS-3020G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRM-3002G OPTOWAY-TRM-3002G Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
TRS-3150G OPTOWAY-TRS-3150G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G_06 Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3130G OPTOWAY-TRS-3130G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3180G OPTOWAY-TRS-3180G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com