Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRM-7000-EM Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # TRM-7000-EM
Description  3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRM-7000-EM Datasheet(HTML) 2 Page - Optoway Technology Inc

  TRM-7000-EM Datasheet HTML 1Page - Optoway Technology Inc TRM-7000-EM Datasheet HTML 2Page - Optoway Technology Inc TRM-7000-EM Datasheet HTML 3Page - Optoway Technology Inc TRM-7000-EM Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optoway
TRM-7100
*****************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2004 V3.0
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
-0.5
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature
Topr
0
70
oC
Data Rate
100
1250
Mb/s
Transmitter Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
62.5/125
µm, NA=0.275 Fiber
Po
-9.5
---
-4
dBm
Optical Transmit Power
50/125
µm, NA=0.20 Fiber
Po
-9.5
---
-4
dBm
Output Center Wavelength
λ
820
850
860
nm
Output Spectrum Width
∆λ
---
---
0.85
nm
RMS (σ)
Extinction Ratio
ER
9
---
---
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
0.26
ns
20% to 80% Values
Optical Fall Time
tf
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-117
dB/Hz
Total Jitter
TJ
227
ps
Coupled Power Ratio
CPR
9
dB
Electrical
Power Supply Current
Icc
120
mA
1
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
2
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
2
1. Maximum current is specified at Vcc = Maximum @ maximum temperature.
2. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.


Similar Part No. - TRM-7000-EM

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7000-EM OPTOWAY-TRM-7000-EM Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRM-7000-EM

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRM-7100-EMG OPTOWAY-TRM-7100-EMG Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7100G OPTOWAY-TRM-7100G Datasheet
80Kb / 4P
   3.3V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000 OPTOWAY-TRM-7000 Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G_08 Datasheet
146Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
TRM-7000-EMG OPTOWAY-TRM-7000-EMG Datasheet
83Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
TRM-7000G OPTOWAY-TRM-7000G Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps RoHS Compliant Optical Multi-Mode Transceiver
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com