Electronic Components Datasheet Search |
|
QEHC49H3330JO5016 Datasheet(PDF) 3 Page - TEMEX |
|
QEHC49H3330JO5016 Datasheet(HTML) 3 Page - TEMEX |
3 / 3 page QEHC49H3 HC49/S Crystal – Through Hole packaged Specification (rev-D) June 29 th, 2006 2 TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost. Freque ncy Ordering Information Radial taping specification Part numbering system QEHC49H3 1 30 HQ 50 16 25.000MHZ Package type Vibration mode Frequency tolerance Operating temperature range Frequency stability Load Capacitance Nominal Frequency (MHz) QEHC49H3 : HC49/S Through Hole packaged 1 = Fundamental 3 = 3 rd Overtone 5 = 5 th Overone 10= ±10ppm 30= ±30ppm 50= ±30ppm D=-40°C F= -30°C H=-20°C J=-10°C L=0°C M=+50°C N=+55°C O=+60°C Q=+70°C T=+85°C 10= ±10ppm 30= ±20ppm 50= ±30ppm 16=16pF Please, enter the value of load capacitance Please enter the nominal frequency Item Symbol Dimensions Product size A1 x A 11.05x13.46 max Product thickness T 4.65 max Feed hole location P1 3.81 ±0.7 Feed hole pitch P0 12.7 ±0.3 Lead span F 5.0 ±0.5 Tape width X 18.0 ±1.0 Cover tape width W0 12.7 ±1.0 Tolerance of leading hole W1 9.0 ±0.5 Masking tape location H 20.0 ±0.5 Feed hole diameter D0 4.0 ±0.2 Tape thickness t 0.6 ±0.2 |
Similar Part No. - QEHC49H3330JO5016 |
|
Similar Description - QEHC49H3330JO5016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |