Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4756AETE+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4756AETE+T
Description  0.5廓, Quad SPDT Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4756AETE+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4756AETE+T Datasheet HTML 1Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
0.5
Ω, Quad SPDT Switches in UCSP/QFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at +3V and TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
V+, IN_, EN...............................................................-0.3V to +6V
COM_, NO_, NC_ (Note 1) ...........................-0.3V to (V+ + 0.3V)
Continuous Current
NC1, NC2, COM1, COM2 (MAX4755)........................±100mA
NO_, NC_, COM_ (remaining terminal connections) ....±300mA
Peak Current NC1, NC2, COM1, COM2 (MAX4755)
(Pulsed at 1ms, 10% duty cycle)................................±200mA
(Pulsed at 1ms, 50% duty cycle)................................±150mA
Peak Current NO_, NC_,
COM__ (remaining terminal connections)
(Pulsed at 1ms, 10% duty cycle)............................±500mA
(Pulsed at 1ms, 50% duty cycle)............................±400mA
Continuous Power Dissipation (TA = +70°C)
16-Bump UCSP (derate 8.2mW/°C above +70°C) ......660mW
16-Pin TQFN (derate 16.9mW/°C
above +70°C)............................................................1349mW
ESD per Method 3015.7...................................................±2kV
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on NO_, NC_, COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to maximum
current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
TMIN to
TMAX
0V+
V
+25°C
0.5
0.85
MAX4755 (NO1, NO2,
N_3, N_4), MAX4754/
MAX4754A/MAX4756/
MAX4756A
TMIN to
TMAX
1.0
+25°C
11.5
On-Resistance
RON
V+ = 2.7V,
ICOM_= 10mA,
VNC_ or VNO_
= 0V or V+
(Note 4)
MAX4755 (NC1, NC2)
TMIN to
TMAX
8.0
12.5
Ω
+25°C
0.1
0.35
MAX4755 (NO1, NO2,
N_3, N_4) MAX4754/
MAX4756
TMIN to
TMAX
0.55
+25°C
0.2
0.4
V+ = 2.7V,
ICOM_ = 10mA,
VNC_ or VNO_
= +1.5V
(Notes 4, 5)
MAX4755 (NC1, NC2)
TMIN to
TMAX
0.55
Ω
+25°C
0.1
0.35
On-Resistance Match
Between Channels
ΔRON
V+ = +2.7V
ICOM_ = 10mA,
VNC_ or VNO_ =
0 or V+
(Notes 4, 5)
MAX4754A/MAX4756A
TMIN to
TMAX
0.55
Ω
+25°C
0.2
0.4
On-Resistance Flatness
RFLAT(ON)
V+ = 3V,
ICOM_ = 10mA,
VNO_ or VNC_
= 0V, 0.6V, or V+
(Note 6)
MAX4755
(NO1, NO2, N_3, N_4,
NO1, NO2), MAX4754/
MAX4754A/MAX4756/
MAX4756A
TMIN to
TMAX
0.55
Ω


Similar Part No. - MAX4756AETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4756EBE-T MAXIM-MAX4756EBE-T Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4756ETE MAXIM-MAX4756ETE Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
More results

Similar Description - MAX4756AETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com