Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2932AIPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2932AIPW
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2932AIPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2932AIPW Datasheet HTML 5Page - Texas Instruments TLC2932AIPW Datasheet HTML 6Page - Texas Instruments TLC2932AIPW Datasheet HTML 7Page - Texas Instruments TLC2932AIPW Datasheet HTML 8Page - Texas Instruments TLC2932AIPW Datasheet HTML 9Page - Texas Instruments TLC2932AIPW Datasheet HTML 10Page - Texas Instruments TLC2932AIPW Datasheet HTML 11Page - Texas Instruments TLC2932AIPW Datasheet HTML 12Page - Texas Instruments TLC2932AIPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLC2932A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES150 − OCTOBER 2005
9
TI.COM
operation characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operation oscillation frequency
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
37
57
75
MHz
fSTB
Time to stable oscillation (see Note 20)
10
us
tr
Rise time
CL = 15 pF
7.5
10
ns
tf
Fall time
CL = 15 pF
6.4
10
ns
fDUTY
Duty cycle at VCO OUT
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
45%
50%
55%
α (fOSC)
Temperature coefficient of oscillation
frequency
VCO IN = 1/2 VDD, TA = –20°C to
75
°C
–0.346
%/
°C
kSVS(fOS
C)
Supply voltage coefficient of oscillation
frequency
VCO IN = 1/2 VDD, VDD = 4.75 V
to 5.25 V
0.002
%/mV
Jitter absolute (see Note 21)
PLL jitter, N = 128
145
ps
NOTES: 20. The time period to the stable VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
21. Jitter performance is highly dependent on circuit layout and external device characteristics. The jitter specification was made with
a carefully deigned PCB with no device socket.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum operation frequency
38
MHz
tPLZ
PFD output disable time from low level
20
40
ns
tPHZ
PFD output disable time from high level
20
40
ns
tPZL
PFD output enable time to low level
4
20
ns
tPZH
PFD output enable time to high level
4.3
20
ns
tr
Rise time
CL = 15 pF
2.1
10
ns
tf
Fall time
CL = 15 pF
1.3
10
ns


Similar Part No. - TLC2932AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932AIPW TI1-TLC2932AIPW Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWG4 TI1-TLC2932AIPWG4 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWR TI1-TLC2932AIPWR Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWRG4 TI-TLC2932AIPWRG4 Datasheet
675Kb / 23P
[Old version datasheet]   HIGH PERFORMANCE PAHSE LOCKED LOOP
TLC2932AIPWRG4 TI1-TLC2932AIPWRG4 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - TLC2932AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com