Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4755ETE+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4755ETE+T
Description  0.5廓, Quad SPDT Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4755ETE+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4755ETE+T Datasheet HTML 1Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4755ETE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
0.5
Ω, Quad SPDT Switches in UCSP/QFN
4
_______________________________________________________________________________________
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: UCSP parts are 100% tested at +25°C and limits across the full temperature range are guaranteed by correlation and
design. TQFN parts are 100% tested at +85°C and limits across the full temperature range are guaranteed by correlation
and design.
Note 4: RON and
ΔRON matching specifications are guaranteed by design and correlation.
Note 5:
ΔRON = RON(MAX) - RON(MIN).
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Guaranteed by design, not production tested.
Note 8: Off-Isolation = 20log10 [VCOM / (VNO or VNC)], VCOM = output, VNO or VNC = input to off switch.
Note 9: Between any two switches.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at +3V and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Total Harmonic
Distortion
THD
f = 20Hz to 20kHz, 1VP-P,
RL = 32
Ω, VDC = V+/2
+25°C
0.035
%
NO_, NC_ Off-
Capacitance
CNO_(OFF),
CNC_(OFF)
VNO, VNC_ = GND,
f = 1MHz (Figure 5)
+25°C
180
pF
COM_ Off-Capacitance
CCOM_(OFF) VCOM_ = GND, f = 1MHz (Figure 5)
+25°C
300
pF
COM_ On-Capacitance
C(ON)
VCOM_ = GND, f = 1MHz (Figure 5)
+25°C
400
pF
DIGITAL I/O (IN_,
EN)
V+ = 2.7V to 3.6V,
MAX4754/MAX4755/MAX4756
TMIN to
TMAX
1.4
V+ = 2.7V to 5.25V,
MAX4754A/MAX4756A
TMIN to
TMAX
1.4
Input Logic-High
VIH
V+ = 3.6V to 5.25V,
MAX4754/MAX4755/MAX4756
TMIN to
TMAX
2.0
V
V+ = 2.7V to 3.6V,
MAX4754/MAX4755/MAX4756
TMIN to
TMAX
0.5
V+ = 2.7V to 5.25V,
MAX4754A/MAX4756A
TMIN to
TMAX
0.5
Input Logic-Low
VIL
V+ = 3.6V to 5.25V,
MAX4754/MAX4755/MAX4756
TMIN to
TMAX
0.6
V
Input Leakage Current
IIN
VIN = 0V or V+
TMIN to
TMAX
1µA
POWER SUPPLY
Power-Supply Range
V+
TMIN to
TMAX
1.8
5.5
V
+25°C
0.2
V+ = 5.5V, VIN_ = 0V or V+,
MAX4754/MAX4754A/MAX4755/MAX4756/
MAX4756A
TMIN to
TMAX
2
µA
+25°C
6.5
Power-Supply Current
I+
V+ = 5.5V, VIN_ = 0.5V or 1.4V,
MAX4754A/MAX4756A
TMIN to
TMAX
12
µA


Similar Part No. - MAX4755ETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4755ETE MAXIM-MAX4755ETE Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
More results

Similar Description - MAX4755ETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com