Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4830YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4830YML
Description  Low Noise 180Vp-p EL Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4830YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4830YML Datasheet HTML 1Page - Micrel Semiconductor MIC4830YML Datasheet HTML 2Page - Micrel Semiconductor MIC4830YML Datasheet HTML 3Page - Micrel Semiconductor MIC4830YML Datasheet HTML 4Page - Micrel Semiconductor MIC4830YML Datasheet HTML 5Page - Micrel Semiconductor MIC4830YML Datasheet HTML 6Page - Micrel Semiconductor MIC4830YML Datasheet HTML 7Page - Micrel Semiconductor MIC4830YML Datasheet HTML 8Page - Micrel Semiconductor MIC4830YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC4830
Low Noise 180Vp-p EL Driver
MLF and MicroLead Frame are registered trademark of Amkor Technologies
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2007
M9999-091307
(408) 955-1690
General Description
The MIC4830 is a low noise 180Vp-p electroluminescent
lamp (EL) driver. Using advanced Bipolar, CMOS, DMOS
(BCD) technology, the MIC4830 integrates a high voltage
boost converter and an H-bridge driver for driving a large
EL lamp. The MIC4830 can drive large panel displays for
mobile
phones,
multimedia
players
or
automotive
electronics where EL panels are used for backlighting.
The MIC4830 offers design flexibility with adjustable lamp
and boost converter frequencies, simply by applying
external resistors. A new H-Bridge design reduces audible
noise by creating smoother AC voltage across the EL
panel.
The MIC4830 is offered in MLF
® 3mm × 3mm and MSOP-
8 Pb-free and RoHS compliant packaging with a –40°C to
85°C junction temperature range.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 1.8V to 5.5V input voltage
• 180Vpp output voltage
• Low audible noise EL drive waveform
• Supports EL panel sizes up to 4in2 (25cm2)
• Low 45µA operating supply current
• Small inductor size with low profile (220µH)
• Tiny 3mm × 3mm MLF®-8L package
• Adjustable boost converter frequency
• Adjustable EL lamp frequency
• Low 10nA shutdown current
Applications
• LCD panel backlight
• Mobile Phones
• PDAs
• Pagers
• Calculators
• Multimedia Players
• Remote controls
• GPS Receivers
_________________________________________________________________________________________________
Typical Application
Low Noise EL Driver


Similar Part No. - MIC4830YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4830YML MICREL-MIC4830YML Datasheet
609Kb / 12P
   Low Noise 180VPP EL Driver
More results

Similar Description - MIC4830YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4832 MICREL-MIC4832 Datasheet
437Kb / 11P
   Low Noise 220Vp-p EL Driver
MIC4832 MICREL-MIC4832_09 Datasheet
497Kb / 11P
   Low Noise 220VPP EL Driver
logo
Microchip Technology
MIC4832 MICROCHIP-MIC4832 Datasheet
2Mb / 22P
   Low-Noise 220VPP EL Driver
Rev.B February 2022
logo
Micrel Semiconductor
MIC4830 MICREL-MIC4830_09 Datasheet
609Kb / 12P
   Low Noise 180VPP EL Driver
logo
Supertex, Inc
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843 SUTEX-HV843 Datasheet
428Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com