Electronic Components Datasheet Search |
|
QEHC49H3350JM5016 Datasheet(PDF) 2 Page - TEMEX |
|
QEHC49H3350JM5016 Datasheet(HTML) 2 Page - TEMEX |
2 / 4 page QESM07 SMD 3.2x2.5 Crystal – Ceramic SMD packaged Specification (rev-A) June 26 th, 2006 1 TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost. Freque ncy Electrical Characteristics Electrical Parameters Unit Minimum Typical Maximum Test conditions Frequency range MHz 13 54 Frequency Tolerance (at 25°C) ± ppm 10 15 30 Refer to Ordering Information Temperature Stability ± ppm 10 15 30 Refer to Ordering Information Operating Temperature Range °C -20/+70 -40/+85 Refer to Ordering Information Storage temperature range °C -40 +85 Shunt capacitance C0 pF 3.0 Load capacitance pF 8pF ~ 12pF Refer to Ordering Information Drive level µW 10 100 300 Aging (First Year) ± ppm 2 Ref at 25°C Insulator resistance MΩ 500 At 100VDC Customized specification upon request ESR vs. frequency range and Mode of vibration Mechanical Characteristics Marking for QESM06 Line 1 Temex code (3 digits) Line 2 T+date code (2digits) Frequency range (MHz) Mode of vibration Max ESR (Ω) 13.000 to 19.999 Fundamental (AT-cut) 80 20.000 to 25.999 Fundamental (AT-cut) 70 26.000 to 54.000 Fundamental (AT-cut) 50 H = 0.65 ± 0.10 mm Mechanical conditions Vibration 10g, 10Hz to 2KHz according to standard CEI 68-2-63 Shocks 100g, 6ms according to standard CEI 68-2- 27 Note 1 : Pin 2 and Pin 4 are connected through cover. In case connected to GND, frequency might be drifted. Note 2 : QESM07 is fully RoHS compliant. |
Similar Part No. - QEHC49H3350JM5016 |
|
Similar Description - QEHC49H3350JM5016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |