Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1200CCL Datasheet(PDF) 9 Page - Littelfuse

Part # B1200CCL
Description  gas plasma arresters-package dimensions/specifications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

B1200CCL Datasheet(HTML) 9 Page - Littelfuse

Back Button B1200CCL Datasheet HTML 5Page - Littelfuse B1200CCL Datasheet HTML 6Page - Littelfuse B1200CCL Datasheet HTML 7Page - Littelfuse B1200CCL Datasheet HTML 8Page - Littelfuse B1200CCL Datasheet HTML 9Page - Littelfuse B1200CCL Datasheet HTML 10Page - Littelfuse B1200CCL Datasheet HTML 11Page - Littelfuse B1200CCL Datasheet HTML 12Page - Littelfuse B1200CCL Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
6,'$&WRUŠ'HYLFHV³3DFNDJH'LPHQVLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 9
www.littelfuse.com
6,'$&WRUŠ 'HYLFHV³3DFNDJH'LPHQVLRQV
DO-214AA
The DO-214AA package is designed to meet mechanical standards as set forth in JEDEC
publication number 95, except for F and G dimensions.
Note: A stripe is marked on some parts, to indicate the cathode. IPC-SM-782 recommends 2.4 instead of 2.0.
Notes:
• Dimensions and tolerances per ASME Y14.5M-1994
• Mold flash shall not exceed 0.13 mm per side.
• Dimensions B and C apply to plated leads.
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
• Dimension C is measured on the flat section of the lead.
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.140
0.155
3.56
3.94
B
0.205
0.220
5.21
5.59
C
0.077
0.083
1.96
2.11
D
0.166
0.180
4.22
4.57
E
0.036
0.063
0.91
1.60
F
0.066
0.083
1.67
2.11
G
0.004
0.008
0.10
0.20
H
0.077
0.086
1.95
2.18
J
0.043
0.053
1.09
1.35
K
0.008
0.012
0.20
0.30
L
0.027
0.049
0.69
1.24
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
Pad Outline
(MM)
H
K
J
E
F
L
G
A
C
B
D
Case
Temperature
Measurement
Point
Dimensions are in inches
(and millimeters).


Similar Part No. - B1200CCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1200CCL LITTELFUSE-B1200CCL Datasheet
153Kb / 3P
   SLIC Protector
B1200CCLRP LITTELFUSE-B1200CCLRP Datasheet
146Kb / 4P
   The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
More results

Similar Description - B1200CCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com