Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M18SN6DL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M18SN6DL
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SN6DL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M18SN6DL Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SN6DL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EZ-BEAM M18 Series Specifications
EZ-BEAM M18 Series Sensors
page
5
Banner Engineering Corp. Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
Supply Voltage and Current
Opposed Mode Emitters:
Opposed Mode Receivers:
Polarized Retro:
Non-polarized Retro:
Fixed-field:
Diffuse:
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
SPDT (complementary) solid-state dc switch; choose NPN (current sinking) or PNP (current sourcing) models.
Light operate:
N.O. output conducts when the sensor sees its own (or the emitter’s) modulated light
Dark operate:
N.C. output conducts when the sensor sees dark; the N.C. (normally closed) output
may be wired as a normally open alarm output, depending upon hookup to the power
supply (U.S. patent 5087838)
Output Rating
150 mA maximum (each) in standard hookup; When wired for alarm output, the total load may not exceed 150 mA;
Off-state leakage current < 1 microamp at 30V dc;
On-state saturation voltage < 1V at 10 mA dc; < 1.5V at 150 mA dc
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short circuit of outputs
Output Response Time
Opposed: 3 milliseconds ON, 1.5 milliseconds OFF; Polarized Retro, Non-Polarized Retro, Fixed-field
and Diffuse: 3 milliseconds ON and OFF
NOTE: 100 millisecond delay on power-up; outputs do not conduct during this time
Indicators
Two LEDs: Green and Yellow
Green glowing steadily
power to sensor is ON
Green flashing
output is overloaded
Yellow glowing steadily
normally open output is conducting
Yellow flashing
excess gain marginal (1-1.5x) in light condition
Repeatability
Opposed mode: 375 microseconds; Polarized Retro, Non-Polarized Retro, Fixed-field and Diffuse
modes: 750 microseconds; Repeatability and response are independent of signal strength
Construction
Housings are Stainless Steel; Lenses are Lexan® (opposed models) or acrylic
Environmental Rating
Rated NEMA 6P (IEC IP67)
Connections
2 m (6.5') or 9 m (30') attached cable, or 4-pin Euro-style quick disconnect fitting
Operating Conditions
Temperature: -40° to +70°C (-40° to 158°F)
Maximum relative humidity: 90% at 50°C (non-condensing)
Vibration and
Mechanical Shock
All models meet Mil. Std. 202F requirements. Method 201A (Vibration; frequency 10 to 60 Hz, max.,
double amplitude 0.06" acceleration 10G). Method 213B conditions H&I (Shock: 75G with unit operating;
100G for non-operation)
10 to 30V dc (10% maximum ripple); Supply current (exclusive of load current):
25 mA
20 mA
30 mA
25 mA
35 mA
25 mA


Similar Part No. - M18SN6DL

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
M18-1MG FOTEK-M18-1MG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-M12 FOTEK-M18-1MG-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-PG FOTEK-M18-1MG-PG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE FOTEK-M18-2MRE Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE-M12 FOTEK-M18-2MRE-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
More results

Similar Description - M18SN6DL

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M18-4 BANNER-M18-4 Datasheet
1Mb / 10P
   M18-4 Stainless Steel 18 mm Barrel Sensor
S18-2 BANNER-S18-2 Datasheet
1Mb / 10P
   S18-2 Plastic 18 mm Barrel Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
   Stainless Steel Threaded Barrel Features and Benefits
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Banner Engineering Corp...
M18-3 BANNER-M18-3 Datasheet
1Mb / 10P
   M18-3 Nickel-Plated Brass 18 mm Barrel Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com