Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3500Q22CLRP Datasheet(PDF) 4 Page - Littelfuse

Part # P3500Q22CLRP
Description  Q2L Series (C-Rated) SIDACtor짰 Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500Q22CLRP Datasheet(HTML) 4 Page - Littelfuse

  P3500Q22CLRP Datasheet HTML 1Page - Littelfuse P3500Q22CLRP Datasheet HTML 2Page - Littelfuse P3500Q22CLRP Datasheet HTML 3Page - Littelfuse P3500Q22CLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Teccor® brand Protection Thyristors
Surface Mount
www.littelfuse.com
©2006 Littelfuse
Q2L (C-Rated) Series
Specifications are subject to change without notice.

Telecom Design Guide
CONSTRUCTION VARIATION
0
P
: Single SIDACtor chip used
as a single device
PACKING STYLE
RP : Standard: Embossed carrier tape
SURGE Ipp Rating
C : 500AMP 2x10µs
100AMP 10x1000µs
PACKAGE TYPE
Q22 : QFN, 3.3mm x 3.3mm, two leaded package
L : RoHS Compliant
DEVICE TYPE
: SIDACtor
Pxxx0Q22CLRP
MEDIAN VOLTAGE
xxx : xxx volts
and reel per EIA 481-1, 12mm tape in 13” reel,
5,000 pieces per reel
First Line: Product Name (see marking in table)
Second Line: Lot number
Part Marking System
Part Numbering System
Package
Type
Description
Packing
Quantity
Added
Suffix
Industry
Standard
QFN
Embossed Carrier Reel Pack
5000
RP
EIA-481-1
Packaging
Tape and Reel Specification
Symbols
Description
Inches
Millimeters
Minimum
Maximum
Minimum
Maximum
A
Reel Diameter
N/A
12.992
N/A
330.0
B
Drive Spoke Width
0.059
N/A
1.50
N/A
C
Arbor Hole Diameter
0.504
0.531
12.80
13.50
D
Drive Spoke Diameter
0.795
N/A
20.20
N/A
N
Hub Diameter
1.969
N/A
50.00
N/A
W1
Reel Inner Width at Hub
0.488
0.567
12.40
14.40
A0
Pocket Width at bottom
0.138
0.146
3.50
3.70
B0
Pocket Length at bottom
0.138
0.146
3.50
3.70
D0
Feed Hole Diameter
0.059
0.063
1.50
1.60
D1
Pocket Hole Diameter
0.059
N/A
1.50
N/A
E1
Feed hole position 1
0.065
0.073
1.65
1.85
E2
Feed hole position 2
0.400
0.408
10.15
10.35
F
Feed hole center-Pocket hole
0.215
0.219
5.45
5.55
K0
Pocket Depth
0.039
0.051
1.00
1.30
P0
Feed Hole Pitch
0.153
0.161
3.90
4.10
P1
Component Spacing
0.311
0.319
7.90
8.10
P2
Feed hole center-Pocket hole
0.077
0.081
1.95
2.05
T
Carrier Tape Thickness
0.010
0.014
0.25
0.35
W
Embossed Carrier Tape Width
0.453
0.484
11.50
12.30
W0
Cover Tape Width
0.358
0.366
9.10
9.30
A
B
D
C
W1
N
Reel Dimension
K0
P0
P1
W
D0
A0
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
Tape Dimension Items
TRAILER
160mm MIN
LEADER
400mm MIN
START
END
CARRIER TAPE
COVER TAPE
Tape Leader and Trailer Dimensions
A
B
D
C
W1
N
Reel Dimension
K0
P0
P1
W
D0
A0
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
Tape Dimension Items
TRAILER
160mm MIN
LEADER
400mm MIN
START
END
CARRIER TAPE
COVER TAPE
Tape Leader and Trailer Dimensions


Similar Part No. - P3500Q22CLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3500Q22CLRP LITTELFUSE-P3500Q22CLRP Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
More results

Similar Description - P3500Q22CLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
P0080E_L LITTELFUSE-P0080E_L Datasheet
149Kb / 3P
   SIDACtor짰 Device
P0080SDL LITTELFUSE-P0080SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P0080S_L LITTELFUSE-P0080S_L Datasheet
151Kb / 3P
   SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
   SIDACtor짰 Device
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P0080SBMCLRP LITTELFUSE-P0080SBMCLRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
148Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com