Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV34S321MP Datasheet(PDF) 3 Page - Littelfuse

Part # TMOV34S321MP
Description  High Energy Industrial Thermally Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S321MP Datasheet(HTML) 3 Page - Littelfuse

  TMOV34S321MP Datasheet HTML 1Page - Littelfuse TMOV34S321MP Datasheet HTML 2Page - Littelfuse TMOV34S321MP Datasheet HTML 3Page - Littelfuse TMOV34S321MP Datasheet HTML 4Page - Littelfuse TMOV34S321MP Datasheet HTML 5Page - Littelfuse TMOV34S321MP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
TMOV
®34S Series Ratings & Specifications - Standard 3 Lead Design
Lead–free and
RoHS Compliant
Models
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage
at 1mA
Test Current
Maximum
Clamping Volt V
C
at 200A Current
(8/20
μs)
Typical
Capaci-
tance
f =
1MHz
AC
Volts
DC
Volts
MCOV
Surge
Arrester
Energy
2ms
Peak
Current
8 x 20
μs
Part Number
Branding
V
V
M(AC)
V
W
TM
1 x Pulse
I
TM
1 x Pulse
V
Min
V
Max
V
C
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(pF)
40000
202
40000
340
40000
200
360
40000
240
400
40000
200
430
40000
330
40000
234
40000
300
400
40000
433
320
420
640
40000
462
330
40000
460
40000
40000
3300
420
40000
3000
460
40000
642
640
40000
434
40000
40000
40000
2200
620
40000
660
40000
2000
40000
40000
2000


Similar Part No. - TMOV34S321MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S321MP LITTELFUSE-TMOV34S321MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
More results

Similar Description - TMOV34S321MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
Harris Corporation
HIP5600 HARRIS-HIP5600 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com