Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1100THLRP Datasheet(PDF) 3 Page - Littelfuse

Part # P1100THLRP
Description  POLYFUSE짰 Resettable PTCs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1100THLRP Datasheet(HTML) 3 Page - Littelfuse

  P1100THLRP Datasheet HTML 1Page - Littelfuse P1100THLRP Datasheet HTML 2Page - Littelfuse P1100THLRP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.littelfuse.com
©2006 Littelfuse
ST Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Axial Leaded Strap
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+70°C, 1000 hours
±5% typical resistance change
Humidity Aging
+85°C, 85%R.H. 7days
±5% typical resistance change
Vibration
MIL-STD-883C, Condition A
No change
Physical Specifications
Lead Material
0.13mm nominal thickness,
quarter-hard nickel
Insulating Material Polyester tape
Part Marking System
QUANTITY CODE: U = 500 (bulk)
VOLTAGE RATING (VDC)
SERIES
HOLD CURRENT (VALUE DIVIDED BY 100 = HOLD CURRENT IN AMPS)
LEAD OPTIONS: Blank = standard
S = slit lead
15 ST 175 S U
Packaging
Dimensions
E
B
D1
D2
C
A
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
Figure 1
Figure 2
Lot Number
(Contact Littelfuse
for additional
information)
Marking
Marking
ST
120
XX9U
Product Series
Current Rating
Littelfuse
Trademark
Top Side
Part
Number
A
B
C
D1
D2
E
Fig.
Inches
mm
Inches
mm
Inches
mm
Inches mm Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Min. Min. Min.
Min Max. Min. Max.
15ST120
0.78
0.87
19.9
22.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.22
5.5
0.22
5.5
0.01
0.22
3.9
4.1
1
15ST120S 0.78
0.87
19.9
22.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.22
5.5
0.22
5.5
0.01
0.22
3.9
4.1
2
15ST175
0.82
0.91
20.9
23.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.16
4.1
0.16
4.1
0.01
0.16
3.9
4.1
1
15ST175S 0.82
0.91
20.9
23.1
0.19
0.20
4.9
5.2
0.02
0.04
0.6
1
0.16
4.1
0.16
4.1
0.01
0.16
3.8
4.2
2
E
B
D1
D2
C
A
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
Figure 1
Figure 2
Lot Number
(Contact Littelfuse
for additional
information)
Marking
Marking
ST
120
XX9U
Product Series
Current Rating
Littelfuse
Trademark
Top Side
Part Numbering System
I
hold
(A)
Packaging
Option
Quantity
Quantity &
Packaging Codes
All Ratings
Bulk
500
U


Similar Part No. - P1100THLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1100THLRP LITTELFUSE-P1100THLRP Datasheet
448Kb / 4P
   This DO-41 plastic package provides a through-hole version of the SIDACtor짰 devices.
logo
HuaXinAn Electronics CO...
P1100THLRP HUAXINAN-P1100THLRP Datasheet
288Kb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P1100THLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com