Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16R135B Datasheet(PDF) 1 Page - Littelfuse

Part # 16R135B
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R135B Datasheet(HTML) 1 Page - Littelfuse

  16R135B Datasheet HTML 1Page - Littelfuse 16R135B Datasheet HTML 2Page - Littelfuse 16R135B Datasheet HTML 3Page - Littelfuse 16R135B Datasheet HTML 4Page - Littelfuse 16R135B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
USBR Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
USBR Series
• The USBR series radial leaded device is designed to
provide overcurrent protection for USB applications
where space is not a concern.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
1max
(
Ω)
06R075B
0.75
1.30
6
40
0.3
8.00
0.4
0.100
0.230
X
X
06R120B
1.20
2.00
6
40
0.6
8.00
0.5
0.065
0.140
X
X
06R155B
1.55
2.70
6
40
0.6
7.75
2.2
0.040
0.100
X
X
16R090B
0.90
1.80
16
40
0.6
8.00
1.2
0.070
0.180
X
X
16R110B
1.10
2.20
16
40
0.7
8.00
2.3
0.050
0.140
X
X
16R135B
1.35
2.70
16
40
0.8
8.00
4.5
0.040
0.120
X
X
16R160B
1.60
3.20
16
40
0.9
8.00
9.0
0.030
0.110
X
X
16R185B
1.85
3.70
16
40
1.0
8.00
10.0
0.030
0.090
X
X
16R250B
2.50
5.00
16
40
1.2
8.00
40.0
0.020
0.060
X
X
Description
Features
Applications
• RoHS compliant and
lead-free
• Fast time-to-trip
• Meets all USB protection
requirements
• 40A short circuit rating
• Operating voltages of
6-16V
• Computers & peripherals
• Any USB application
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521


Similar Part No. - 16R135B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R1000G LITTELFUSE-16R1000G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R1000GF LITTELFUSE-16R1000GF Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16R135B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com