Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16VT175EL Datasheet(PDF) 4 Page - Littelfuse

Part # 16VT175EL
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16VT175EL Datasheet(HTML) 4 Page - Littelfuse

  16VT175EL Datasheet HTML 1Page - Littelfuse 16VT175EL Datasheet HTML 2Page - Littelfuse 16VT175EL Datasheet HTML 3Page - Littelfuse 16VT175EL Datasheet HTML 4Page - Littelfuse 16VT175EL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
VT Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Axial Leaded Strap
Dimensions
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
E
B
D1
D2
C
A
Figure 1
Figure 2
Figure 3
SLIT
NOMINAL
0.5 x 4.0
(.02”x .15”)
VT
210
Product Series
Current Rating
Lot Number
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Marking
Marking
Marking
VT
210
XXEF
Product Series
Current Rating
Littelfuse
Trademark
Double Sided Marking
Top Side
Bottom Side
E
B
D1
D2
A
C
E
B
D2
D1
C
A
Marking
E
B
D1
D2
C
A
Marking
E
B
D1
D2
C
A
Marking
Figure 4
Figure 5
Figure 6
SLIT
E
B
D1
D2
C
A
NOMINAL
0.5 x 4.0
(.02”x .15”)
E
B
D1
D2
C
A
Figure 1
Figure 2
Figure 3
SLIT
NOMINAL
0.5 x 4.0
(.02”x .15”)
VT
210
Product Series
Current Rating
Lot Number
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Marking
Marking
Marking
VT
210
XXEF
Product Series
Current Rating
Littelfuse
Trademark
Double Sided Marking
Top Side
Bottom Side
E
B
D1
D2
A
C
E
B
D2
D1
C
A
Marking
E
B
D1
D2
C
A
Marking
E
B
D1
D2
C
A
Marking
Figure 4
Figure 5
Figure 6
Part Number
A
B
C
D1
D2
E
Figure
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min. Max. Min.
Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max Min
Max Min Max Min
Max
Min Max Min Max
16VT170
0.61 0.69 15.40
17.50 0.28 0.29 7.00 7.40 0.02 0.03 0.50 0.80 0.16
-
4.00
-
0.16
-
4.00
-
0.15 0.16 3.90 4.10
1
16VT170XS
0.82 0.90 20.90
22.90 0.19 0.21 4.90 5.30 0.02 0.03 0.50 0.80 0.16
-
4.00
-
0.16
-
4.00
-
0.15 0.16 3.90 4.10
2
16VT175
0.82 0.87 20.90
22.20 0.14 0.15 3.50 3.80 0.02 0.03 0.50 0.70 0.16
-
4.00
-
0.16
-
4.00
-
0.11 0.12 2.90 3.10
1
16VT175S
0.82 0.87 20.90
22.20 0.14 0.15 3.50 3.80 0.02 0.03 0.50 0.70 0.16
-
4.00
-
0.16
-
4.00
-
0.11 0.12 2.90 3.10
2
16VT175L
1.02 1.10 26.00
28.00 0.14 0.15 3.50 3.80 0.02 0.03 0.50 0.80 0.24
-
6.00
-
0.24
-
6.00
-
0.11 0.12 2.90 3.10
1
16VT175XL
1.00 1.11 25.50
28.20 0.14 0.15 3.50 3.90 0.02 0.03 0.50 0.80 0.34 0.41 8.70
10.30 0.22 0.29 5.70
7.30
0.09 0.10 2.40 2.60
4
16VT175EL
1.53 1.62 38.80
41.20 0.14 0.15 3.50 3.90 0.02 0.03 0.60 0.80 0.74 0.80 18.70 20.30 0.34 0.41 8.70
10.30 0.09 0.10 2.40 2.60
6
16VT175NEL
1.53 1.62 38.80
41.20 0.11 0.13 2.90 3.30 0.02 0.03 0.60 0.80 0.79 0.87 20.00 22.00 0.20 0.27 5.20
6.80
0.09 0.10 2.40 2.60
6
16VT200
0.82 0.91 20.90
23.10 0.15 0.17 3.80 4.30 0.02 0.03 0.60 0.70 0.16
-
4.00
-
0.16
-
4.00
-
0.11 0.12 2.90 3.10
1
16VT200S
0.82 0.91 20.90
23.10 0.15 0.17 3.80 4.30 0.02 0.03 0.60 0.70 0.16
-
4.00
-
0.16
-
4.00
-
0.11 0.12 2.90 3.10
2
16VT200UL
1.42 1.54 36.00
39.00 0.16 0.17 4.10 4.30 0.02 0.03 0.50 0.80 0.15 0.21 3.90
5.30 0.78 0.85 19.70 21.50 0.11 0.12 2.90 3.10
4
16VT210
0.82 0.91 20.90
23.10 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.16
-
4.10
-
0.16
-
4.10
-
0.15 0.16 3.90 4.10
1
16VT210S
0.82 0.91 20.90
23.10 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.16 0.23 4.10
5.80 0.16 0.23 4.10
5.80
0.15 0.16 3.90 4.10
2
16VT210SS
0.82 0.91 20.90
23.10 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.16
-
4.10
-
0.16
-
4.10
-
0.15 0.16 3.90 4.10
3
16VT210L
0.94 1.02 24.00
26.00 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.20
-
5.00
-
0.20
-
5.00
-
0.15 0.16 3.90 4.10
1
16VT210NL
2.78 2.81 70.50
71.50 0.15 0.17 3.80 4.30 0.02 0.03 0.60 0.80 0.98
-
25.00
-
0.98
-
25.00
-
0.11 0.12 2.90 3.10
5
16VT210UL
2.78 2.81 70.50
71.50 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 1.12
-
28.50
-
1.12
-
28.50
-
0.15 0.16 3.90 4.10
5
16VT240
0.95 1.03 24.20
26.20 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.20
-
5.00
-
0.20
-
5.00
-
0.15 0.16 3.90 4.10
1


Similar Part No. - 16VT175EL

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
16V YINT-16V Datasheet
556Kb / 4P
   Polymer PTC Resettable 16V Series
16V-010 YINT-16V-010 Datasheet
556Kb / 4P
   Polymer PTC Resettable 16V Series
16V-025 YINT-16V-025 Datasheet
556Kb / 4P
   Polymer PTC Resettable 16V Series
16V-030 YINT-16V-030 Datasheet
556Kb / 4P
   Polymer PTC Resettable 16V Series
16V-050 YINT-16V-050 Datasheet
556Kb / 4P
   Polymer PTC Resettable 16V Series
More results

Similar Description - 16VT175EL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com