Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28226DRBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226DRBT
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS28226DRBT Datasheet(HTML) 3 Page - Texas Instruments

  TPS28226DRBT Datasheet HTML 1Page - Texas Instruments TPS28226DRBT Datasheet HTML 2Page - Texas Instruments TPS28226DRBT Datasheet HTML 3Page - Texas Instruments TPS28226DRBT Datasheet HTML 4Page - Texas Instruments TPS28226DRBT Datasheet HTML 5Page - Texas Instruments TPS28226DRBT Datasheet HTML 6Page - Texas Instruments TPS28226DRBT Datasheet HTML 7Page - Texas Instruments TPS28226DRBT Datasheet HTML 8Page - Texas Instruments TPS28226DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
PWM
CONTROLLER
ISOLATION
AND
FEEDBACK
DRIVE
LO
DRIVE
HI
HI
LI
HB
HO
HS
LO
2
BOOT
UGATE
PHASE
LGATE
GND
1
8
5
4
3
VDD
EN/PG
7
PWM
6
LINEAR
REG.
VC (6.8 V to 8 V)
VOUT = 3.3 V
35 V to 75V
12 V
Primary High Side
VDD High Voltage Driver
VSS
TPS28226
TPS28226
SLUS791 – OCTOBER 2007
TYPICAL APPLICATIONS (continued)
Driver for Synchronous Rectification with Complementary Driven MOSFETs
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS28226


Similar Part No. - TPS28226DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226DRBT TI1-TPS28226DRBT Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com