Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEHC49H3350JQ3016 Datasheet(PDF) 3 Page - TEMEX

Part # QEHC49H3350JQ3016
Description  HC49 Gull-Wing Crystal - SMD packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3350JQ3016 Datasheet(HTML) 3 Page - TEMEX

  QEHC49H3350JQ3016 Datasheet HTML 1Page - TEMEX QEHC49H3350JQ3016 Datasheet HTML 2Page - TEMEX QEHC49H3350JQ3016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QEHC49-GW
HC49 Gull-Wing Crystal – SMD packaged
Specification (rev-A)
June 27
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Ordering Information
Part numbering system
QEHC49-GW
1
30
HQ
50
16
25.000MHZ
Package type
Vibration
mode
Frequency
tolerance
Operating
temperature
range
Frequency
stability
Load
Capacitance
Nominal
Frequency
(MHz)
SMD Package
QEHC49-GW :
HC49U Gull Wing
1 = Fundamental
3 = 3
rd Overtone
5 = 5
th Overone
10=
±10ppm
30=
±30ppm
50=
±30ppm
D=-40°C
F= -30°C
H=-20°C
J=-10°C
L=0°C
M=+50°C
N=+55°C
O=+60°C
Q=+70°C
T=+85°C
10=
±10ppm
30=
±20ppm
50=
±30ppm
10=10pF
Please, enter the
value of load
capacitance
Please enter the
nominal
frequency
Suggested Reflow Soldering Profile


Similar Part No. - QEHC49H3350JQ3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3350JQ3016 TEMEX-QEHC49H3350JQ3016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3350JQ3016 TEMEX-QEHC49H3350JQ3016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3350JQ3016 TEMEX-QEHC49H3350JQ3016 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
More results

Similar Description - QEHC49H3350JQ3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
   UM5 Crystal - Through Hole & Gull Wing SMD packaged
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
   HC49 SMD Crystal - SMD packaged
logo
Suntsu Electronics, Inc...
SWG6J2 SUNTSU-SWG6J2 Datasheet
297Kb / 2P
   Gull-Wing SMT Watch Crystal
SWG622 SUNTSU-SWG622 Datasheet
349Kb / 2P
   Gull-Wing SMT Watch Crystal
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
   HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
   HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
logo
Advanced XTAL Products
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
   SMD (VC)TCXO in gull wing package
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0694A TAI-SAW-TZ0694A Datasheet
257Kb / 4P
   HC49-SMD 4.000MHz Crystal Resonator
REV. NO.: 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com