Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1200SAL Datasheet(PDF) 11 Page - Littelfuse

Part # P1200SAL
Description  gas plasma arresters-package dimensions/specifications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1200SAL Datasheet(HTML) 11 Page - Littelfuse

Back Button P1200SAL Datasheet HTML 7Page - Littelfuse P1200SAL Datasheet HTML 8Page - Littelfuse P1200SAL Datasheet HTML 9Page - Littelfuse P1200SAL Datasheet HTML 10Page - Littelfuse P1200SAL Datasheet HTML 11Page - Littelfuse P1200SAL Datasheet HTML 12Page - Littelfuse P1200SAL Datasheet HTML 13Page - Littelfuse P1200SAL Datasheet HTML 14Page - Littelfuse P1200SAL Datasheet HTML 15Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
6,'$&WRUŠ'HYLFHV³3DFNDJH'LPHQVLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 11
www.littelfuse.com
TO-92
The TO-92 is designed to meet mechanical standards as set forth in JEDEC publication
number 95.
Notes:
• Type 70 lead form as shown is standard for the E package.
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
• Mold flash shall not exceed 0.13 mm per side.
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
F
0.046
0.054
1.16
1.37
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.060
1.52
A
B
Temperature
Measurement Point
MT2/PIN 3
MT1/PIN 1
E
H
G
F
D
K
J
L
M
N


Similar Part No. - P1200SAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
More results

Similar Description - P1200SAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com