Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-4110WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-4110WG
Description  3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4110WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-4110WG Datasheet HTML 1Page - Optoway Technology Inc SPS-4110WG Datasheet HTML 2Page - Optoway Technology Inc SPS-4110WG Datasheet HTML 3Page - Optoway Technology Inc SPS-4110WG Datasheet HTML 4Page - Optoway Technology Inc SPS-4110WG Datasheet HTML 5Page - Optoway Technology Inc SPS-4110WG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPS-4110WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2007 V1.0
1
SPS-4110WG
(RoHS Compliant)
3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 8.5 Gbps Bi-directional Data Links
l Complaint with SFP+ MSA
l Compliance with Fibre Channel FC-PI-4 800-SM-LC-L
l Compliant with 4G and 2G Fibre Channel
l SFF-8472 Digital Diagnostic Function
l 1310 nm DFB LD Transmitter
l AC/AC Coupling according to MSA
l 2 to 10,000 m at 8.5 Gbps
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Multi-rate 8x / 4x / 2x Fibre Channel
DESCRIPTION
The SPS-4110WG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as 8x/4x/2x Fibre
Channel. It is with the SFP+ 20-pin connector to allow hot
plug capability. Digital diagnostic functions are available
via an I
2C. This module is designed for single mode fiber
and operates at a nominal wavelength of 1310 nm. The
transmitter section uses a 1310 nm multiple quantum well
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-4110WG
8 / 4 / 2
FC-PI-4
10
1310 DFB
SFP+ with DMI
0 to 70
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
70
oC
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
70
oC
Power Supply Current
ICC (TX+RX)
260
300
mA
Data Rate
1
8.5
Gb/s


Similar Part No. - SPS-4110WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4110WG OPTOWAY-SPS-4110WG Datasheet
169Kb / 5P
   8.5 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4110WG OPTOWAY-SPS-4110WG_07 Datasheet
169Kb / 5P
   8.5 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4110WG OPTOWAY-SPS-4110WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4110WG_2015 OPTOWAY-SPS-4110WG_2015 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-4110WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4140WG OPTOWAY-SPS-4140WG Datasheet
171Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4120WG OPTOWAY-SPS-4120WG Datasheet
203Kb / 6P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4102WG OPTOWAY-SPS-4102WG_07 Datasheet
168Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4170WG OPTOWAY-SPS-4170WG Datasheet
170Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4102G OPTOWAY-SPS-4102G Datasheet
171Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-4140G OPTOWAY-SPS-4140G Datasheet
170Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-4170G OPTOWAY-SPS-4170G Datasheet
170Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7120WG OPTOWAY-SPS-7120WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9115WG OPTOWAY-SPS-9115WG_08 Datasheet
149Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110WG OPTOWAY-SPS-7110WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com