Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2298-15YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2298-15YML
Description  3.5A Minimum, 1MHz Boost High Brightness White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2298-15YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2298-15YML Datasheet HTML 1Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 2Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 3Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 4Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 5Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 6Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 7Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 8Page - Micrel Semiconductor MIC2298-15YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC2298
October 2007
4
M9999-101707-B
Typical Characteristics
0
4
8
12
16
20
02468
10
12
INPUT VOLTAGE (V)
Input Current
vs. Input Voltage
1.8
1.9
2.0
2.1
2.2
2.3
2.4
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
UVLO vs.
Temperature
0.8
0.9
1.0
1.1
1.2
2
345
6789 10 11
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
TA = 25°C
0.8
0.9
1.0
1.1
1.2
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
VIN = 5V
0.190
0.195
0.200
0.205
0.210
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
LED Current vs.
Input Voltage (BRT GND)
TCASE = 25°C
RSENSE
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
LED Current vs.
Input Voltage (BRT Open)
TCASE = 25°C
RSENSE
0
100
200
300
400
500
600
700
800
900
1000
1100
LED Current
vs. DIM Voltage
0
40
80
120 160 200
DIM VOLTAGE (mV)
60
65
70
75
80
85
90
95
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
Efficiency vs.
Input Voltage (BRT Open)
RSENSE
60
65
70
75
80
85
90
95
2.5 3 3.5 4 4.5 5 5.5 6 6.5
INPUT VOLTAGE (V)
Efficiency vs.
Input Voltage (BRT GND)
RSENSE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
246
8
10 12 14
OUTPUT VOLTAGE (V)
Max DC LED Current
vs. Output Voltage
VIN = 3.0V
25°C
50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
246
8
10 12 14
OUTPUT VOLTAGE (V)
Max DC LED Current
vs. Output Voltage
VIN = 3.6V
25°C
50°C
0
50
100
150
200
250
300
350
400
450
500
0 0.5 1 1.5 2 2.5 3 3.5 4
SWITCH CURRENT (A)
Bipolar Saturation Voltage
vs. Switch Current
TA = 25°C
3.0V
3.6V


Similar Part No. - MIC2298-15YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2298-15YML MICREL-MIC2298-15YML Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results

Similar Description - MIC2298-15YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
MIC2299 MICREL-MIC2299_11 Datasheet
543Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
MIC2299 MICREL-MIC2299 Datasheet
542Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
logo
Texas Instruments
LM3519 TI1-LM3519 Datasheet
3Mb / 20P
[Old version datasheet]   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Micrel Semiconductor
MIC2253 MICREL-MIC2253_11 Datasheet
499Kb / 13P
   3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
MIC2253 MICREL-MIC2253 Datasheet
502Kb / 13P
   3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com