Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54200IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54200IRZ
Description  USB 2.0 High/Full Speed Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54200IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54200IRZ Datasheet HTML 4Page - Intersil Corporation ISL54200IRZ Datasheet HTML 5Page - Intersil Corporation ISL54200IRZ Datasheet HTML 6Page - Intersil Corporation ISL54200IRZ Datasheet HTML 7Page - Intersil Corporation ISL54200IRZ Datasheet HTML 8Page - Intersil Corporation ISL54200IRZ Datasheet HTML 9Page - Intersil Corporation ISL54200IRZ Datasheet HTML 10Page - Intersil Corporation ISL54200IRZ Datasheet HTML 11Page - Intersil Corporation ISL54200IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6408.1
July 11, 2007
Application Block Diagram
Detailed Description
The ISL54200 device is a dual single pole/double throw
(SPDT) analog switch that operates from a single DC power
supply in the range of 2.7V to 5.5V. It was designed to
function as a dual 2-to-1 multiplexer to select between a
USB high-speed transceiver and a USB full-speed
transceiver in portable battery powered products. It is offered
in a TDFN package and a small µTQFN package for use in
MP3 players, cameras, PDAs, cellphones, and other
personal media players. The device has an enable pin to
open all switches.
The part consists of two 7
Ω full speed (FSx) switches and
two 4.5
Ω high speed (HSx) switches. The FSx switches can
swing from 0V to VDD. They were designed to pass USB
full speed (12Mbps) differential data signals with minimal
distortion. The HSx switches have high bandwidth and low
capacitance to pass USB high-speed (480Mbps) differential
data signals with minimal edge and phase distortion.
The ISL54200 was designed for MP3 players, cameras,
cellphones, and other personal media player applications
that have both high-speed and full-speed transceivers and
need to multiplex between these USB sources to a single
USB host (computer). A typical application block diagram of
this functionality is shown on page 8.
A detailed description of the two types of switches are
provided in the following sections.
FSx Switches (FSD1, FSD2)
The two FSx switches (FSD1, FSD2) are bidirectional
switches that can pass rail-to-rail signals. When powered
with a 3.3V supply, these switches have a nominal rON
resistance of 7
Ω over the signal range of 0V to 3.3V. They
were specifically designed to pass USB full-speed (12Mbps)
differential signals and meet the USB 2.0 full-speed signal
quality specifications. See Figure 8.
The FSx switches can also pass USB high speed signals
(480Mbps) but do not quite meet the USB 2.0 high speed
signal quality eye diagram compliance requirement.
The maximum signal range for the FSx switches is from
-1.5V to VDD. The signal voltage should not be allowed to
exceed the VDD voltage rail or go below ground by more
than -1.5V.
When operated with a 2.7V to 3.6V supply, the FSx switches
are active (turned ON) whenever the IN logic control voltage
is 0.5V and the EN logic voltage 1.4V.
HSx Switches (HSD1, HSD2)
The two HSx switches (HSD2, HSD1) are bi-directional
switches that can pass rail-to-rail signals. When powered
with a 3.3V supply, these switches have a nominal rON of
4.5
Ω over the signal range of 0V to 400mV with a r
ON
flatness of 0.4
Ω. The r
ON matching between the HSD1 and
HSD2 switches over this signal range is only 0.01
Ω,
ensuring minimal impact by the switches to USB high speed
signal transitions. As the signal level increases, the rON
switch resistance increases. At signal level of 3.3V, the
switch resistance is nominally 20
Ω.
The HSx switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals typically in the
range of 0V to 400mV. They have low capacitance and high
bandwidth to pass the USB high-speed signals with
minimum edge and phase distortion to meet USB 2.0 high
speed signal quality specifications. See Figures 9 and 10.
PORTABLE MEDIA DEVICE
ISL54200
USB
TRANSCEIVER
HIGH-SPEED
COMD1
COMD2
IN
GND
HSD1
HSD2
FSD1
FSD2
VDD
EN
LOGIC CIRCUITRY
µCONTROLLER
4M
Ω
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
3.3V
ISL54200


Similar Part No. - ISL54200IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54200IRZ INTERSIL-ISL54200IRZ Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200IRZ RENESAS-ISL54200IRZ Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200IRZ-T INTERSIL-ISL54200IRZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200IRZ-T RENESAS-ISL54200IRZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
More results

Similar Description - ISL54200IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL76120 RENESAS-ISL76120 Datasheet
1Mb / 15P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com