Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6655BCPZ-1501 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6655BCPZ-1501
Description  IF Diversity Receiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655BCPZ-1501 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6655BCPZ-1501 Datasheet HTML 3Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 4Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 5Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 6Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 7Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 8Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 9Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 10Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
AD6655
Rev. 0 | Page 7 of 84
ADC AC SPECIFICATIONS—AD6655BCPZ-80/AD6655BCPZ-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, NCO enabled, half-band filter enabled, FIR filter enabled, unless otherwise noted.
Table 3.
AD6655BCPZ-80
AD6655BCPZ-105
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
74.9
74.8
dB
fIN = 70 MHz
25°C
74.8
74.7
dB
Full
73.0
73.0
dB
fIN = 140 MHz
25°C
74.5
74.3
dB
fIN = 220 MHz
25°C
73.4
73.4
dB
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−86
−86
dBc
fIN = 70 MHz
25°C
−85
−85
dBc
Full
−74
−74
dBc
fIN = 140 MHz
25°C
−84
−84
dBc
fIN = 220 MHz
25°C
−83
−83
dBc
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)
fIN = 2.4 MHz
25°C
86
86
dBc
fIN = 70 MHz
25°C
85
85
dBc
Full
74
74
dBc
fIN = 140 MHz
25°C
84
84
dBc
fIN = 220 MHz
25°C
83
83
dBc
WORST OTHER HARMONIC OR SPUR2
fIN = 2.4 MHz
25°C
−93
−93
dBc
fIN = 70 MHz
25°C
−90
−90
dBc
Full
−82
−82
dBc
fIN = 140 MHz
25°C
−89
−89
dBc
fIN = 220 MHz
25°C
−86
−86
dBc
TWO-TONE SFDR
fIN = 29.12 MHz, 32.12 MHz (−7 dBFS)
25°C
85
85
dBc
fIN = 169.12 MHz, 172.12 MHz (−7 dBFS)
25°C
81
81
dBc
CROSSTALK3
Full
95
95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1 See Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 See the Applications Information section for more information about the worst other specifications for the AD6655.
3 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.


Similar Part No. - AD6655BCPZ-1501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655BCPZ-1501 AD-AD6655BCPZ-1501 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
More results

Similar Description - AD6655BCPZ-1501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com