Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-54B33B-G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPL-54B33B-G
Description  3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPL-54B33B-G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPL-54B33B-G Datasheet HTML 1Page - Optoway Technology Inc SPL-54B33B-G Datasheet HTML 2Page - Optoway Technology Inc SPL-54B33B-G Datasheet HTML 3Page - Optoway Technology Inc SPL-54B33B-G Datasheet HTML 4Page - Optoway Technology Inc SPL-54B33B-G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPL-54B33B-G
****************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2007 V2.0
1
SPL-54B33B-G / SPL-54B33B-AG
(RoHS Compliant)
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX
ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver (with Reset-Less RX)
***************************************************************************************************************************************************************************
FEATURES
l Class B Optical Line Terminal (OLT) for ITU-T G.983.3
B-PON
l SFP SC Transceiver
l 622 Mbps / 1490 nm Continuous-Mode Transmitter
l 155 Mbps / 1310 nm Burst-Mode Receiver with 2R Output
l Resetless BM Receiver Design
l BM RX capable of Handling Packet-to-Packet Spacing
with Guard Time less than 50 ns for 15dB Packet Optical
Power Difference
l High Resistance of BM RX to DC Optical Background
l 0 to 70oC Operating: SPL-54B33B-G
l -20 to 85oC Operating: SPL-54B33B-AG
l RoHS Compliant
l Single +3.3 V Power Supply
l Transmitter: AC Coupling Input
l Receiver: DC Coupling Output
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Broadband PON System
l ATM PON System
DESCRIPTION
SPL-54B33B series is a small form factor pluggable
transceiver for ITU-T G.983.3 Class B optical line terminal
(OLT) with 622 Mbps/1490 nm in downstream and 155 Mbps
/1310 nm in upstream. It is with the SFP 20-pin connector to
allow hot plug capability. The SPL-54B33B series is high
performance module for single fiber communications by using
1490
nm
continuous-mode
transmitter
and
1310
nm
burst-mode receiver. The transmitter section uses a multiple
quantum well 1490 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard IEC
60825. The receiver section uses an integrated 1310 nm
burst-mode detector preamplifier (IDP) mounted in an optical
header and a burst-mode limiting post-amplifier IC. Unlike
the conventional BM RX, the RX does not requires reset
pulse to receive optical data packets with different optical
power.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
TX
RX
P/No
Class
Type
Speed
(Mb/s)
λ (nm)
Power
(dBm)
Type
Speed
(Mb/s)
λ
(nm)
Sens.
(dBm)
Temp
(
oC)
Package
RoHS
Compliant
SPL-54B33B-G
B
CNT
622
1490 DFB
4 / -1
BM, 2R
155
1310
-8 / -31
0 / 70
SC SFP
Yes
SPL-54B33B-AG
B
CNT
622
1490 DFB
4 / -1
BM, 2R
155
1310
-8 / -31
-20 / 85
SC SFP
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-20
70
85
oC
SPL-54B33B-G
SPL-54B33B-AG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Max.
Unit
Units / Notes
Power Supply Voltage
Vcc
3.13
3.47
V
V
Operating Case Temperature
Topr
0
-20
70
85
oC
SPL-54B33B-G
SPL-54B33B-AG
Power Supply Current
ICC (TX+RX)
300
mA


Similar Part No. - SPL-54B33B-G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-DR-LR2-CDA SOURCE-SPL-54-DR-LR2-CDA Datasheet
497Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-54-DR-LR2-CNA SOURCE-SPL-54-DR-LR2-CNA Datasheet
497Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-54-DR-LR2-TDA SOURCE-SPL-54-DR-LR2-TDA Datasheet
497Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-54-DR-LR2-TNA SOURCE-SPL-54-DR-LR2-TNA Datasheet
497Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-54B33B-G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
LT-54B353B-PG OPTOWAY-LT-54B353B-PG Datasheet
124Kb / 5P
   3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-K OPTOWAY-NU-33B54B-K Datasheet
119Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
SPL-94B73B-WG OPTOWAY-SPL-94B73B-WG Datasheet
248Kb / 5P
   ITU-T G.984.2 G-PON CLASS B Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
NU-73B94B-PG OPTOWAY-NU-73B94B-PG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
SPM-5601G OPTOWAY-SPM-5601G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G OPTOWAY-SPM-5601G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701G OPTOWAY-SPM-5701G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701G OPTOWAY-SPM-5701G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com