Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3500EBL Datasheet(PDF) 3 Page - Littelfuse

Part # P3500EBL
Description  SIDACtor짰 Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500EBL Datasheet(HTML) 3 Page - Littelfuse

  P3500EBL Datasheet HTML 1Page - Littelfuse P3500EBL Datasheet HTML 2Page - Littelfuse P3500EBL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SIDACtor® Device
Telecom Design Guide • © 2006 Littelfuse
3 - 21
www.littelfuse.com
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
V-I Characteristics
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
tr x td Pulse Waveform
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – ˚C
25 ˚C
Normalized VS Change versus Junction Temperature
0.4
-40 -20
0
20 40 60 80 100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C) – ˚C
25 ˚C
Normalized DC Holding Current versus Case Temperature


Similar Part No. - P3500EBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3500EBL LITTELFUSE-P3500EBL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P3500EBL HUAXINAN-P3500EBL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P3500EBL HUAXINAN-P3500EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P3500EBLRP1 LITTELFUSE-P3500EBLRP1 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
P3500EBLRP2 LITTELFUSE-P3500EBLRP2 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
More results

Similar Description - P3500EBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080S_L LITTELFUSE-P0080S_L Datasheet
151Kb / 3P
   SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
   SIDACtor짰 Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P0080SBMCLRP LITTELFUSE-P0080SBMCLRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
148Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
P0080SDL LITTELFUSE-P0080SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P1500MEL LITTELFUSE-P1500MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1500NEL LITTELFUSE-P1500NEL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1500REL LITTELFUSE-P1500REL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com