Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2600EBL Datasheet(PDF) 1 Page - Littelfuse

Part # P2600EBL
Description  SIDACtor짰 Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2600EBL Datasheet(HTML) 1 Page - Littelfuse

  P2600EBL Datasheet HTML 1Page - Littelfuse P2600EBL Datasheet HTML 2Page - Littelfuse P2600EBL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
Telecom Design Guide • © 2006 Littelfuse
3 - 19
www.littelfuse.com
SIDACtor® Device
TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
as modems, line cards, and CPE (telephones, answering machines, and fax machines).
SIDACtor devices enable equipment to comply with various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A
(formerly known as FCC Part 68).
.
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For individual “EA”, “EB”, and “EC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
P0080E_L
6254
5
800
2.2
50
P0300E_L
25
40
4
5
800
2.2
50
P0640E_L
58
77
4
5
800
2.2
150
P0720E_L
65
88
4
5
800
2.2
150
P0900E_L
75
98
4
5
800
2.2
150
P1100E_L
90
130
4
5
800
2.2
150
P1300E_L
120
160
4
5
800
2.2
150
P1500E_L
140
180
4
5
800
2.2
150
P1800E_L
170
220
4
5
800
2.2
150
P2300E_L
190
260
4
5
800
2.2
150
P2600E_L
220
300
4
5
800
2.2
150
P3100E_L
275
350
4
5
800
2.2
150
P3500E_L
320
400
4
5
800
2.2
150
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
30
500
C
50
500
400
200
150
200
175
100
200
30
500


Similar Part No. - P2600EBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2600EBL LITTELFUSE-P2600EBL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P2600EBL HUAXINAN-P2600EBL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P2600EBL HUAXINAN-P2600EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P2600EBLRP1 LITTELFUSE-P2600EBLRP1 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
P2600EBLRP2 LITTELFUSE-P2600EBLRP2 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
More results

Similar Description - P2600EBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080S_L LITTELFUSE-P0080S_L Datasheet
151Kb / 3P
   SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
   SIDACtor짰 Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P0080SBMCLRP LITTELFUSE-P0080SBMCLRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
148Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
P0080SDL LITTELFUSE-P0080SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P1500MEL LITTELFUSE-P1500MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1500NEL LITTELFUSE-P1500NEL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1500REL LITTELFUSE-P1500REL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com