Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA16A Datasheet(PDF) 1 Page - First Components International

Part # SA16A
Description  5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SA16A Datasheet(HTML) 1 Page - First Components International

  SA16A Datasheet HTML 1Page - First Components International SA16A Datasheet HTML 2Page - First Components International SA16A Datasheet HTML 3Page - First Components International SA16A Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Features
n 500 WATT PEAK POWER PROTECTION
n EXCELLENT CLAMPING CAPABILITY
n FAST RESPONSE TIME
Mechanical Dimensions
n TYPICAL I
R < 1µA ABOVE 10V
n GLASSPASSIVATEDCHIPCONSTRUCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Power Dissipation...P
PK
T
P = 1ms (Note 5)
Steady State Power Dissipation...P
D
@ T
L = 75°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@RatedLoadConditions,8.3ms,½SineWave,SinglePhase
(Note 3)
Forward Voltage @ 50A...V
F
(Undirectional Only)
Weight...G
RM
Soldering Requirements (Time & Temp)...S
T
@ 300°C
Operating & Storage Temperature Range...T
J, TSTRG
SA5.0...170
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Units
Watts
Watts
Amps
Volts
Grams
......................................... 500 Min. ..........................................
............................................. 1 ...............................................
............................................. 70 ...............................................
............................................. 3.5 ...............................................
............................................. 0.4 ...............................................
............................................. 10 Sec. ...........................................
......................................... -55 to 175 ..........................................
°C
Page 11-6
Min. to
Solder
NOTES: 1. For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions.
2. Lead Length .375 Inches.
3. 8.3 ms, ½ Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum.
4. V
BR Measured After IT Applies for 300 µs. IT = Square Wave Pulse or Equivalent.
5. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above T
A = 25°C per Fig. 2.
Uni-Polar
Load
TVS
Device
TVS
Device
Load
Bi-Polar
.240
.255
1.00 Min.
.031 typ.
.120
.140
JEDEC
204-AC


Similar Part No. - SA16A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SA16A LUGUANG-SA16A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Motorola, Inc
SA16A MOTOROLA-SA16A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA16A LEIDITECH-SA16A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Vishay Siliconix
SA16A VISHAY-SA16A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Won-Top Electronics
SA16A WTE-SA16A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA16A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com