Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ10 Datasheet(PDF) 4 Page - First Components International

Part # SMCJ10
Description  5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SMCJ10 Datasheet(HTML) 4 Page - First Components International

  SMCJ10 Datasheet HTML 1Page - First Components International SMCJ10 Datasheet HTML 2Page - First Components International SMCJ10 Datasheet HTML 3Page - First Components International SMCJ10 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 10-47
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% / °°°°°C
Maximum
Clamping
Voltage
@ I
PP
V
C (V)
Peak
Pulse
Current
I
PP (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R
µµµµA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)
Min.
Max.
V
BR
Volts
(Note 1)
Breakdown
Voltage
SMCJ28
SMCJ28A
SMCJ30
SMCJ30A
SMCJ33
SMCJ33A
SMCJ36
SMCJ36A
SMCJ40
SMCJ40A
SMCJ43
SMCJ43A
SMCJ45
SMCJ45A
SMCJ48
SMCJ48A
SMCJ51
SMCJ51A
SMCJ54
SMCJ54A
SMCJ58
SMCJ58A
SMCJ60
SMCJ60A
SMCJ64
SMCJ64A
SMCJ70
SMCJ70A
SMCJ75
SMCJ75A
SMCJ78
SMCJ78A
SMCJ85
SMCJ85A
SMCJ90
SMCJ90A
SMCJ100
SMCJ100A
SMCJ110
SMCJ110A
SMCJ120
SMCJ120A
SMCJ130
SMCJ130A
SMCJ150
SMCJ150A
SMCJ160
SMCJ160A
SMCJ170
SMCJ170A
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
94.40
94.40
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
167.00
167.00
178.00
178.00
189.00
189.00
39.40
35.80
42.20
38.30
46.50
42.20
50.70
46.00
56.30
51.10
60.50
54.90
63.30
57.50
67.50
61.30
71.80
65.20
76.00
69.00
81.60
74.10
84.50
76.70
90.10
81.80
98.60
89.50
105.70
95.80
109.90
99.70
119.20
108.20
126.50
115.50
141.00
128.00
154.50
140.50
169.00
153.00
182.50
165.50
211.50
192.50
226.00
205.00
239.50
217.50
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
28.00
28.00
30.00
30.00
33.00
33.00
36.00
36.00
40.00
40.00
43.00
43.00
45.00
45.00
48.00
48.00
51.00
51.00
54.00
54.00
58.00
58.00
60.00
60.00
64.00
64.00
70.00
70.00
75.00
75.00
78.00
78.00
85.00
85.00
90.00
90.00
100.00
100.00
110.00
110.00
120.00
120.00
130.00
130.00
150.00
150.00
160.00
160.00
170.00
170.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
50.10
45.40
53.50
48.40
59.00
53.30
64.30
58.10
71.40
64.50
76.70
69.40
80.30
72.70
85.50
77.40
91.10
82.40
96.30
87.10
103.00
93.60
107.00
96.80
114.00
103.00
125.00
113.00
134.00
121.00
139.00
126.00
151.00
137.00
160.00
146.00
179.00
162.00
196.00
177.00
214.00
193.00
231.00
209.00
268.00
243.00
287.00
259.00
304.00
275.00
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
0.104
GFF
GFG
GFH
GFK
GFL
GFM
GFN
GFP
GFQ
GFR
GFS
GFT
GFU
GFV
GFW
GFX
GFY
GFZ
GGD
GGE
GGF
GGG
GGH
GGK
GGL
GGM
GGN
GGP
GGQ
GGR
GGS
GGT
GGU
GGV
GGW
GGX
GGY
GGZ
GHD
GHE
GHF
GHG
GHH
GHK
GHL
GHM
GHN
GHP
GHQ
GHR
Case
Marking
30.0
33.0
28.0
31.0
25.2
28.1
23.3
25.8
21.0
23.2
19.6
21.6
18.7
20.6
17.5
19.4
18.5
18.2
15.6
17.2
14.6
16.0
14.0
15.5
13.2
14.6
12.0
13.3
11.2
12.4
10.8
11.4
9.9
10.4
9.4
10.3
8.4
9.3
7.7
8.4
7.0
7.9
6.5
7.2
5.6
6.2
5.2
5.8
4.9
5.5


Similar Part No. - SMCJ10

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ10 DCCOM-SMCJ10 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMCJ10 PACELEADER-SMCJ10 Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ10 UNIOHM-SMCJ10 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMCJ10 HDSEMI-SMCJ10 Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
Formosa MS
SMCJ10 FORMOSA-SMCJ10 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ10

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com