Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSH277 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WSH277
Description  Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH277 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WSH277 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH277 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH277 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH277 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH277 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WSH277
Winson reserves the right to make changes to improve reliability or manufacturability.
Function Block:
Magnetic Characteristics:
Characteristics
Symbol
Quantity
Ta= -20˚C to +85˚C
Min
Typ.
Max
Unit
Operate Point
Bop
Grade A
Grade B
Grade C
25
50
30
70
50
120
Gauss
Release Point
Brp
Grade A
Grade B
Grade C
-50
-25
-70
-30
-120
-50
Gauss
Hysteresis Window
Bop-Brp
50
100 Gauss
Ordering Information:
SIP- 4L: WSH277-XPAN
Elec. Grade
SIP-4L
1: A Grade (50 Gauss)
Elec. Grade
2: B Grade (70 Gauss)
N: Non-lead Process
3: C Grade (120 Gauss)
©Winson, 2006/8/3
3


Similar Part No. - WSH277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
WSH202 WINSON-WSH202 Datasheet
233Kb / 5P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results

Similar Description - WSH277

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH412 WINSON-WSH412_15 Datasheet
218Kb / 8P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH413 WINSON-WSH413_15 Datasheet
212Kb / 7P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH412 WINSON-WSH412 Datasheet
202Kb / 8P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto-restart Function
WSH411 WINSON-WSH411 Datasheet
192Kb / 11P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH413 WINSON-WSH413 Datasheet
157Kb / 7P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH416 WINSON-WSH416 Datasheet
181Kb / 4P
   Hall Effect Sensor IC with Thermal Protection and Auto Restart Function
WSH41S WINSON-WSH41S Datasheet
274Kb / 8P
   Hall Effect Sensor IC with Thermal Lock Protection ,Auto Restart and Speed Control Function
WSH610 WINSON-WSH610 Datasheet
166Kb / 8P
   Hall Effect IC with Two-Step Lock Protection and Auto-Restart Function
WSH42FB WINSON-WSH42FB Datasheet
184Kb / 10P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
WSH420 WINSON-WSH420 Datasheet
118Kb / 6P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com