Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEUM5130HQ1016 Datasheet(PDF) 2 Page - TEMEX

Part # QEUM5130HQ1016
Description  UM5 Crystal - Through Hole & Gull Wing SMD packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEUM5130HQ1016 Datasheet(HTML) 2 Page - TEMEX

  QEUM5130HQ1016 Datasheet HTML 1Page - TEMEX QEUM5130HQ1016 Datasheet HTML 2Page - TEMEX QEUM5130HQ1016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QEUM5 / QEUM5-GW
UM5 Crystal – Through Hole & Gull Wing SMD packaged
Specification (rev-C)
October 03
rd, 2006
Freque ncy
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Characteristics
Electrical Parameters
Unit Minimum Typical Maximum
Test conditions
Frequency range
MHz
10
200
Frequency Tolerance (at 25°C) ± ppm
10
30
50
Refer to Ordering Information
Temperature Stability
± ppm
10
30
50
Refer to Ordering Information
Operating Temperature Range
°C
-20/+70
-40/+85
Refer to Ordering Information
Storage temperature range
°C
-40
+85
Shunt capacitance C0
pF
7.0
Load capacitance
pF
10pF ~ 32pF or series
Refer to Ordering Information
Drive level
µW
100
500
Aging (First Year)
± ppm
3
Ref at 25°C
Insulator resistance
MΩ
500
At 100VDC
Customized specification upon request
ESR vs. frequency range and Mode of vibration
Frequency range (MHz) Mode of vibration Max ESR (Ω) Frequency range (MHz) Mode of vibration Max ESR (Ω)
10.000 to 19.999
Fund.
60
80.000 to 105.000
3rd
80
20.000 to 40.000
Fund.
40
60.000 to 129.999
5th
200
30.000 to 79.999
3rd
100
130.000 to 200.000
7th
180
Mechanical Characteristics
QEUM5
H
L
6 max
[0.236]
3.2 max
[0.125]
Ø 0.35
±
0.05mm
QEUM5-GW


Similar Part No. - QEUM5130HQ1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
More results

Similar Description - QEUM5130HQ1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
QEHC49-GW TEMEX-QEHC49-GW Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
logo
Suntsu Electronics, Inc...
SWG6J2 SUNTSU-SWG6J2 Datasheet
297Kb / 2P
   Gull-Wing SMT Watch Crystal
SWG622 SUNTSU-SWG622 Datasheet
349Kb / 2P
   Gull-Wing SMT Watch Crystal
logo
TEMEX
QEHC49U TEMEX-QEHC49U Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
logo
Advanced XTAL Products
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
   SMD (VC)TCXO in gull wing package
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
logo
PCA ELECTRONICS INC.
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com