Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEHC49H3350FQ1016 Datasheet(PDF) 2 Page - TEMEX

Part # QEHC49H3350FQ1016
Description  HC49 Gull-Wing Crystal - SMD packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3350FQ1016 Datasheet(HTML) 2 Page - TEMEX

  QEHC49H3350FQ1016 Datasheet HTML 1Page - TEMEX QEHC49H3350FQ1016 Datasheet HTML 2Page - TEMEX QEHC49H3350FQ1016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QEHC49-GW
HC49 Gull-Wing Crystal – SMD packaged
Specification (rev-A)
June 27
th, 2006
Freque ncy
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Characteristics
Electrical Parameters
Unit Minimum Typical Maximum
Test conditions
Frequency range
MHz
1.8432
125
Frequency Tolerance (at 25°C) ± ppm
10
30
50
Refer to Ordering Information
Temperature Stability
± ppm
10
30
50
Refer to Ordering Information
Operating Temperature Range
°C
-20/+70
-40/+85
Refer to Ordering Information
Storage temperature range
°C
-40
+85
Shunt capacitance C0
pF
7.0
Load capacitance
pF
10pF ~ 32pF or series
Refer to Ordering Information
Drive level
µW
100
500
Aging (First Year)
± ppm
5
Ref at 25°C
Insulator resistance
MΩ
500
At 100VDC
Customized specification upon request
ESR vs. frequency range and Mode of vibration
Mechanical Characteristics
5.0 max
5.5 max
Ø 0.43
± 0.05
Mechanical conditions
Vibration 10g, 10Hz to 2KHz
according to standard CEI
68-2-63
Shocks
100g, 6ms according to
standard CEI 68-2-27
Note 1 : QEHC49-GW is fully
RoHS compliant.
Marking for QEHC49-GW
Line 1
VRSxxx (Temex code)
Line 2
Frequency in MHz (6 digits)
Line 3
YYWW – production code
Frequency range (MHz) Mode of vibration Max ESR (Ω) Frequency range (MHz) Mode of vibration Max ESR (Ω)
1.8432 to 1.999
Fund.
650
6.000 to 7.9999
Fund.
50
2.000 to 2.999
Fund.
500
8.000 to 12.999
Fund.
35
3.000 to 3.499
Fund.
250
13.00 to 35.000
Fund.
25
3.500 to 3.999
Fund.
150
24.00 to 29.999
3rd
60
4.000 to 4.999
Fund.
100
30.00 to 79.999
3rd
40
5.000 to 5.999
Fund.
80
80.000 to 125.000
5th
90


Similar Part No. - QEHC49H3350FQ1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3350FQ1016 TEMEX-QEHC49H3350FQ1016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3350FQ1016 TEMEX-QEHC49H3350FQ1016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3350FQ1016 TEMEX-QEHC49H3350FQ1016 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
More results

Similar Description - QEHC49H3350FQ1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
   UM5 Crystal - Through Hole & Gull Wing SMD packaged
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
   HC49 SMD Crystal - SMD packaged
logo
Suntsu Electronics, Inc...
SWG6J2 SUNTSU-SWG6J2 Datasheet
297Kb / 2P
   Gull-Wing SMT Watch Crystal
SWG622 SUNTSU-SWG622 Datasheet
349Kb / 2P
   Gull-Wing SMT Watch Crystal
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
   HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
   HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
logo
Advanced XTAL Products
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
   SMD (VC)TCXO in gull wing package
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0694A TAI-SAW-TZ0694A Datasheet
257Kb / 4P
   HC49-SMD 4.000MHz Crystal Resonator
REV. NO.: 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com