Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEHC49H3510DQ1016 Datasheet(PDF) 2 Page - TEMEX

Part # QEHC49H3510DQ1016
Description  HC49U Crystal - Through Hole packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3510DQ1016 Datasheet(HTML) 2 Page - TEMEX

  QEHC49H3510DQ1016 Datasheet HTML 1Page - TEMEX QEHC49H3510DQ1016 Datasheet HTML 2Page - TEMEX QEHC49H3510DQ1016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QEHC49U
HC49U Crystal – Through Hole packaged
Specification (rev-D)
June 27
th, 2006
Freque ncy
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Characteristics
Electrical Parameters
Unit Minimum Typical Maximum
Test conditions
Frequency range
MHz
1.8432
125
Frequency Tolerance (at 25°C) ± ppm
10
30
50
Refer to Ordering Information
Temperature Stability
± ppm
10
30
50
Refer to Ordering Information
Operating Temperature Range
°C
-20/+70
-40/+85
Refer to Ordering Information
Storage temperature range
°C
-40
+85
Shunt capacitance C0
pF
7.0
Load capacitance
pF
10pF ~ 32pF or series
Refer to Ordering Information
Drive level
µW
100
500
Aging (First Year)
± ppm
5
Ref at 25°C
Insulator resistance
MΩ
500
At 100VDC
Customized specification upon request
ESR vs. frequency range and Mode of vibration
Mechanical Characteristics
Marking for QEHC49-GW
Line 1
VRDxxx (Temex code)
Line 2
Frequency in MHz (6 digits)
Line 3
YYWW – production code
Frequency range (MHz) Mode of vibration Max ESR (Ω) Frequency range (MHz) Mode of vibration Max ESR (Ω)
1.8432 to 1.999
Fund.
650
6.000 to 7.9999
Fund.
50
2.000 to 2.999
Fund.
500
8.000 to 12.999
Fund.
35
3.000 to 3.499
Fund.
250
13.00 to 35.000
Fund.
25
3.500 to 3.999
Fund.
150
24.00 to 29.999
3rd
60
4.000 to 4.999
Fund.
100
30.00 to 79.999
3rd
40
5.000 to 5.999
Fund.
80
80.000 to 125.000
5th
90
H = 13.46 [0.529] max
5.0 [0.197] max
Mechanical conditions
Vibration 10g, 10Hz to 2KHz
according to standard CEI
68-2-63
Shocks
100g, 6ms according to
standard CEI 68-2-27
Note 1 : QEHC49U is fully RoHS
compliant.


Similar Part No. - QEHC49H3510DQ1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3510DQ1016 TEMEX-QEHC49H3510DQ1016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3510DQ1016 TEMEX-QEHC49H3510DQ1016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
QEHC49H3510DQ1016 TEMEX-QEHC49H3510DQ1016 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
More results

Similar Description - QEHC49H3510DQ1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
   UM5 Crystal - Through Hole & Gull Wing SMD packaged
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
logo
Kingtronics Internation...
QKT-HC49U KINGTRONICS-QKT-HC49U Datasheet
319Kb / 1P
   QKT ??HC49U QUARTZ CRYSTAL
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1746A TAI-SAW-TZ1746A Datasheet
298Kb / 4P
   HC49U DIP 2.4576MHz Crystal Unit
REV. NO.: 3.0
TZ1981A TAI-SAW-TZ1981A Datasheet
296Kb / 4P
   HC49U DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ2430A TAI-SAW-TZ2430A Datasheet
71Kb / 5P
   HC49U DIP 1.8432MHz Crystal Unit
REV. NO.: 2.0
logo
QUARTZCOM the communica...
UM-1SLIM QUARTZCOM-UM-1SLIM Datasheet
89Kb / 1P
   Metal packaged through hole Crystal Wide frequency range: 8 to 250 MHz
logo
NIHON DEMPA KOGYO
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
   Simple Packaged Crystal Oscillator
7311S-DF NDK-7311S-DF Datasheet
90Kb / 1P
   Simple Packaged Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com