Electronic Components Datasheet Search |
|
09130634LXN Datasheet(PDF) 1 Page - Littelfuse |
|
09130634LXN Datasheet(HTML) 1 Page - Littelfuse |
|
1 / 1 page Terminals w w w . l i t t e l f u s e . c o m © 2006 Littelfuse • Automotive Circuit Protection Products Starter Terminals The starter terminal series are cable lugs for heavy-duty applications such as starter motors and battery connections. Die Starter-Terminal-Serie enthält Kabelschuhe/-klemmen für Hochleistungs-Anwendungen wie Starter-und Batterieverbindungen. Part Number Teilenummer mm Mounting Hole Montageloch Width / Breite mm Material Plating Ref. 09130633LXN (50 pcs) 2.5-6.0 6.5 mm 11 Cu Sn 2906 09130633Z (1250 pcs) 09130634LXN (50 pcs) 6.0-15 8.4 mm 15 Cu Sn 2910 09130634Z (600 pcs) 09130635LXN (50 pcs) 10 -25 8.4 mm 15 Cu Sn 2916 09130635Z (400 pcs) 09130636LXN (50 pcs) 16-35 10.5 mm 19 Cu Sn 29025 09130636Z (200 pcs) 09130637LXN (50 pcs) 25-50 10.5 mm 19 Cu Sn 29035 09130637Z (150 pcs) 09130638LXN (50 pcs) 35-70 10.5 mm 19 Cu Sn 29050 09130638Z (100 pcs) 09130639LXN (50 pcs) 50-95 13.5 mm 22 Cu Sn 29070 09130639Z (50 pcs) 09130640LXN (50 pcs) 16 6.4 mm 11 Cu Sn 2916 HK 09130640Z (600 pcs) 09130641LXN (50 pcs) 25 8.4 mm 15 Cu Sn 29025 HK 09130641Z (300 pcs) 09130642LXN (50 pcs) 35 8.4 mm 15 Cu Sn 29035 HK (8.4) 09130642Z (200 pcs) 09130643LXN (50 pcs) 35 10.5 mm 19 Cu Sn 29035 HK (10.5) 09130643Z (150 pcs) 09130644LXN (50 pcs) 50 8.4 mm 17 Cu Sn 29050 HK (8.4) 09130644Z (100 pcs) 09130645LXN (50 pcs) 50 10.5 mm 19 Cu Sn 29050 HK (10.5) 09130645Z (125 pcs) 09130646LXN (50 pcs) 70 10.5 mm 21 Cu Sn 29070 HK 09130646Z (75 pcs) |
Similar Part No. - 09130634LXN |
|
Similar Description - 09130634LXN |