Electronic Components Datasheet Search |
|
DL-5345S-C270-HX Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
DL-5345S-C270-HX Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 2 page Optoway DL-5340S-CXX0 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1 MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Note: Specifications subject to change without notice. ORDER INFORMATION Part No.: D L − 5 3 4 □ □ − C □ □ 0 − □ □ □ □ Code PIN Assignment Code Wavelength Code Isolator 0 Type A 27 1270 nm Blank No 5 Type B 29 1290 nm S Single-Stage 8 Type C 31 1310 nm 33 1330 nm Code Connector Code Speed 35 1350 nm S SC/PC Blank 1.25 Gbps 37 1370 nm F FC/PC S 2.5 Gbps 39 1390 nm T ST/PC 41 1410 nm L LC/PC 43 1430 nm X No connector 45 1450 nm SA SC/APC 47 1470 nm FA FC/APC 49 1490 nm TA ST/APC 51 1510 nm LA LC/APC 53 1530 nm 55 1550 nm Code Flange 57 1570 nm V Vertical 59 1590 nm H Horizontal 61 1610 nm X No Flange |
Similar Part No. - DL-5345S-C270-HX |
|
Similar Description - DL-5345S-C270-HX |