Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T250W Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T250W
Description  50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T250W Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH08T250W Datasheet HTML 5Page - Texas Instruments PTH08T250W Datasheet HTML 6Page - Texas Instruments PTH08T250W Datasheet HTML 7Page - Texas Instruments PTH08T250W Datasheet HTML 8Page - Texas Instruments PTH08T250W Datasheet HTML 9Page - Texas Instruments PTH08T250W Datasheet HTML 10Page - Texas Instruments PTH08T250W Datasheet HTML 11Page - Texas Instruments PTH08T250W Datasheet HTML 12Page - Texas Instruments PTH08T250W Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ti.com
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
SET
O
0.7
R
30.1 (k
)
6.49 (k
)
V
0.7
æ
ö
=
W ´
-
W
ç
÷
-
è
ø
(1)
+Sense
V
O
-Sense
GND
V
O
Adj
PTH08T250W
10
17
11
16
13
4
18
12
9
8
V
O
GND GND GND
AGND
R
SET
1%
0.05 W
C
O
+
+Sense
V
O
-Sense
GND
UDG-07049
PTH08T250W
SLTS278B – JUNE 2007 – REVISED AUGUST 2007
The Vo Adjust control sets the output voltage of the PTH08T250W. The adjustment range of the PTH08T250W is
0.7 V to 3.6 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between pins Vo Adjust (pin 18) and AGND (pin 4). Table 2 gives the standard value of the
external resistor for a number of standard voltages, along with the actual output voltage that this resistance value
provides.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 3. Figure 11 shows the placement of the required
resistor.
Table 2. Standard Values of RSET for Standard Output Voltages
VO (Standard) (V)
RSET (Standard Value) (kΩ)
VO (Actual) (V)
3.3
1.62
3.298
2.5
5.23
2.498
2.0
9.76
1.997
1.8
12.7
1.798
1.5
19.6
1.508
1.2
35.7
1.199
1.0 (1)
63.4
1.001
0.7 (1)
Open
0.700
(1)
The maximum input voltage is duty cycle limited to (VO × 12) or 14 volts, whichever is less. The
maximum allowable input voltage is a function of switching frequency, and may increase or decrease
when the SmartSync feature is utilized. Please review the SmartSync section of the Application
Information for further guidance.
(1)
RSET: Use a 0.05 W resistor with a tolerance of 1% and temperature stability of 100 ppm/°C (or better). Connect the
resistor directly between pins 18 and 4, as close to the regulator as possible, using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either + Sense, GND, or VO. Any capacitance added to the VO Adjust pin
affects the stability of the regulator.
Figure 11. VO Adjust Resistor Placement
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PTH08T250W


Similar Part No. - PTH08T250W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results

Similar Description - PTH08T250W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com