Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9210PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFU9210PBF
Description  HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU9210PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFU9210PBF Datasheet HTML 1Page - International Rectifier IRFU9210PBF Datasheet HTML 2Page - International Rectifier IRFU9210PBF Datasheet HTML 3Page - International Rectifier IRFU9210PBF Datasheet HTML 4Page - International Rectifier IRFU9210PBF Datasheet HTML 5Page - International Rectifier IRFU9210PBF Datasheet HTML 6Page - International Rectifier IRFU9210PBF Datasheet HTML 7Page - International Rectifier IRFU9210PBF Datasheet HTML 8Page - International Rectifier IRFU9210PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFR/U9210PbF
www.irf.com
5


Similar Part No. - IRFU9210PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFU9210PBF VISHAY-IRFU9210PBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU9210PBF KERSEMI-IRFU9210PBF Datasheet
4Mb / 7P
   Power MOSFET
IRFU9210PBF KERSEMI-IRFU9210PBF Datasheet
4Mb / 7P
   Power MOSFET
IRFU9210PBF KERSEMI-IRFU9210PBF Datasheet
4Mb / 7P
   Power MOSFET
IRFU9210PBF KERSEMI-IRFU9210PBF Datasheet
4Mb / 7P
   Power MOSFET
More results

Similar Description - IRFU9210PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9610PBF IRF-IRF9610PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS=-200V , RDS(on)=3.0廓 , ID=-1.8A )
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFR9214PBF IRF-IRFR9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com