Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1232LPL-G Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT1232LPL-G
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPL-G Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT1232LPL-G Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 9Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 10Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 11Page - Catalyst Semiconductor CAT1232LPL-G Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT1232, CAT1832
(1)
EXAMPLE OF ORDERING INFORMATION
Prefix Device # Suffix
CAT
1232LP
V
– G
T3
Company ID
Package
L: PDIP
V: SOIC 8-Lead
W: SOIC 16-Lead
(5)
Z: MSOP
Product Number
1232LP
1832
Tape & Reel
T: Tape & Reel
3: 3000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu
ORDERING PART NUMBER
Package
Parts per Tube
Parts Per Reel
Reel Size (inch)
CAT1232LPL-G
8-lead, DIP
50
CAT1232LPV-GT3
8-lead, SOIC
3,000
13
CAT1232LPZ-GT3
MSOP
3,000
13
CAT1232LPW-T2
16-lead, SOIC
2,000
13
CAT1832L-G
8-lead, DIP
50
CAT1832V-GT3
8-lead, SOIC
3,000
13
CAT1832Z-GT3
MSOP
3,000
13
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT1232LPV-GT3 (SOIC 8-Lead, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
(5) The SOIC 16-Lead package is only available in Matte-Tin finish.
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-3018 Rev. D
Characteristics subject to change without notice


Similar Part No. - CAT1232LPL-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1232LPL-G ONSEMI-CAT1232LPL-G Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Catalyst Semiconductor
CAT1232LPL-GT2 CATALYST-CAT1232LPL-GT2 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232LPL-GT3 CATALYST-CAT1232LPL-GT3 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
More results

Similar Description - CAT1232LPL-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com