Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS88000RKXL-85 Datasheet(PDF) 3 Page - MOSAIC

Part # SYS88000RKXL-85
Description  8M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS88000RKXL-85 Datasheet(HTML) 3 Page - MOSAIC

  SYS88000RKXL-85 Datasheet HTML 1Page - MOSAIC SYS88000RKXL-85 Datasheet HTML 2Page - MOSAIC SYS88000RKXL-85 Datasheet HTML 3Page - MOSAIC SYS88000RKXL-85 Datasheet HTML 4Page - MOSAIC SYS88000RKXL-85 Datasheet HTML 5Page - MOSAIC SYS88000RKXL-85 Datasheet HTML 6Page - MOSAIC SYS88000RKXL-85 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SYS88000RKX - 85/10/12
ISSUE 1.5 : April 2001
3
* Input pulse levels: 0V to 3.0V
* Input rise and fall times: 5ns
* Input and Output timing reference levels: 1.5V
* Output load: see diagram
* V
CC=5V±10%
AC Test Conditions
Output Load
Operation Truth Table
645
100pF
I/O Pin
1.76V
Parameter
Symbol
Test Condition
min
typ(1)
max
Unit
V
CC for Data Retention
V
DR
CS > V
CC-0.2V
2.0
-
-
V
Data Retention Current
I
CCDR1
(2)
V
CC = 3.0V, CS > VCC-0.2V
-
-
2
mA
Chip Deselect to Data Retention Time t
CDR
See Retention Waveform
0
-
-
ns
Operation Recovery Time
t
R
See Retention Waveform
5.0
-
-
ms
Notes
(1)
Typical figures are measured at 25°C.
(2) This parameter is guaranteed not tested.
(3) Add 840mA to -L CMOS standby currents to obtain industrial temp range parameters.
Low V
cc Data Retention Characteristics - L Version Only
CS
OE
WE
DATA PINS
SUPPLY CURRENT
MODE
H
X
X
High Impedance
ISB1 , ISB2 , ISB3, ISB4
Standby
L
L
L
Invalid State
~
Invalid
L
L
H
Data Out
ICC1
Read
L
H
L
Data In
ICC1
Write
L
H
H
High-Impedance
ICC1
High-Z
Notes : H = VIH : L =VIL : X = VIH or VIL
OE must not be tied low permanently.


Similar Part No. - SYS88000RKXL-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS88000RKXL-85

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
   8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com