Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS32512LKXA-012 Datasheet(PDF) 4 Page - MOSAIC

Part # SYS32512LKXA-012
Description  512 K x 32 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS32512LKXA-012 Datasheet(HTML) 4 Page - MOSAIC

  SYS32512LKXA-012 Datasheet HTML 1Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 2Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 3Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 4Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 5Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 6Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 7Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 8Page - MOSAIC SYS32512LKXA-012 Datasheet HTML 9Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Issue 5.0 June 1999
PAGE 4
166Ω
30pF
I/O Pin
1.76V
Capacitance
(V
CC = 5.0V, TA = 25
OC)
P aram eter
S ymb ol
T est C ondition
Min
T yp
Max
Unit
Input C apacitan ce, (Address, /O E, /W E)
C IN1
V IN= 0V
-
-
32
pF
Input C apacitan ce, (O ther)
C IN2
V IN= 0V
-
-
7
pF
O utpu t C apacita nce, 8 bit m ode (worst case)
C I/O
V I/O= 0V
-
-
40
pF
Test Conditions
Output Load
• Input pulse levels : 0V to 3.0V
• Input rise and fall times : 3ns
• Input and Output timing reference levels : 1.5V
• Output Load : See Load Diagram.
• V
CC = 5V+10%
Note : These Parameters are calculated not measured.
/CS
/OE /WE
Data Pins
Supply Current
Mode
H
X
X
High Impedence
ISB1,ISB2
Standby
L
L
H
Data Out
ICC1
Read
L
H
L
Data In
ICC1
Write
L
L
L
Data In
ICC1
Write
L
H
H
High Impedence
ISB1,ISB2
High Z
Operation Truth Table
Notes : H=V
IH : L=VIL : X=VIH or VIL


Similar Part No. - SYS32512LKXA-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS321000LK-012 MOSAIC-SYS321000LK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LK-015 MOSAIC-SYS321000LK-015 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LK-020 MOSAIC-SYS321000LK-020 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LK-025 MOSAIC-SYS321000LK-025 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
SYS321000LKI-012 MOSAIC-SYS321000LKI-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
More results

Similar Description - SYS32512LKXA-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com