Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS8512FKX-70 Datasheet(PDF) 6 Page - MOSAIC

Part # SYS8512FKX-70
Description  512K x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS8512FKX-70 Datasheet(HTML) 6 Page - MOSAIC

  SYS8512FKX-70 Datasheet HTML 1Page - MOSAIC SYS8512FKX-70 Datasheet HTML 2Page - MOSAIC SYS8512FKX-70 Datasheet HTML 3Page - MOSAIC SYS8512FKX-70 Datasheet HTML 4Page - MOSAIC SYS8512FKX-70 Datasheet HTML 5Page - MOSAIC SYS8512FKX-70 Datasheet HTML 6Page - MOSAIC SYS8512FKX-70 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ISSUE 5.0 November 1999
SYS8512FKX-70/85/10/12
6
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
Write Cycle No.2 Timing Waveform
AC Characteristics Notes
AC Characteristics Notes
AC Characteristics Notes
AC Characteristics Notes
AC Characteristics Notes
(1) A write occurs during the overlap (t
WP) of a low CS and a low WE.
(2) t
CW is measured from the earlier of CS or WE going high to the end of write cycle.
(3) t
AS is measured from the address valid to the beginning of write.
(4) t
WR is measured from the earliest of CS or WE going high to the end of write.
(5) During this period, I/O pins are in the output state. Input signals out of phase must not be applied.
(6) If CS goes low simultaneously with WE going low or after WE going low , outputs remain in a high impedance state.
(7) D
OUT is in the same phase as written data of this write cycle.
(8) D
OUT is the read data of next address.
(9) If CS is low during this period, I/O pins are in the output state, and inputs out of phase must not be applied to I/O pins.
(10) This parameter is sampled and not 100% tested.
(11) t
WHZ is defined as the time at which the outputs achieve open circuit conditions and is not referenced to output voltage
levels. This parameter is sampled and not 100% tested.
CW (2)
WR (4)
WC
AS (3)
DW
DH
OH
OW
WHZ(5)
AW
WP (1)
Don't
t
t
t
t
t
t
Address
CS
WE
Dout
Din
t
t
t
t
t
Care
High-Z
High-Z
(7)
(8)
Data Retention Waveform
Data Retention Waveform
Data Retention Waveform
Data Retention Waveform
Data Retention Waveform
t R
tCDR
4.5V
2.2V
4.5V
2.2V
0V
DATA RETENTION MODE
Vcc
CS
V DR
CS > Vcc -0.2V


Similar Part No. - SYS8512FKX-70

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS8512FKX-70

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
UT8R512K8 AEROFLEX-UT8R512K8 Datasheet
236Kb / 23P
   UT8R512K8 512K x 8 SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
   512K x 8 Low Power SRAM
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com