Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMA68S16000XB-017 Datasheet(PDF) 10 Page - MOSAIC

Part # PUMA68S16000XB-017
Description  512 K x 32 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68S16000XB-017 Datasheet(HTML) 10 Page - MOSAIC

Back Button PUMA68S16000XB-017 Datasheet HTML 4Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 5Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 6Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 7Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 8Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 9Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 10Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 11Page - MOSAIC PUMA68S16000XB-017 Datasheet HTML 12Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PAGE 10
Issue 5.2 March 2001
PUMA 68 Pin JEDEC Surface Mount PLCC
Notes:
1. All dimensions in mm (inches).
25 .02 (0.9 85 )
0.9 0
(0. 035 )
typ
23 .11 (0.9 10 )
5.0 8
(0. 200 )
max
24 .13 (0.9 50 )
25 .27 (0.9 95 )
XXXXXX-X
0.4 6
(0. 018 )
1.2 7
(0. 050 )
Pin 68
Pin 1


Similar Part No. - PUMA68S16000XB-017

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S16000XB-20 MOSAIC-PUMA68S16000XB-20 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-25 MOSAIC-PUMA68S16000XB-25 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68S16000XB-017

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com