Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMA68FV64006XI-120 Datasheet(PDF) 3 Page - MOSAIC

Part # PUMA68FV64006XI-120
Description  2M x 32 FLASH Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68FV64006XI-120 Datasheet(HTML) 3 Page - MOSAIC

  PUMA68FV64006XI-120 Datasheet HTML 1Page - MOSAIC PUMA68FV64006XI-120 Datasheet HTML 2Page - MOSAIC PUMA68FV64006XI-120 Datasheet HTML 3Page - MOSAIC PUMA68FV64006XI-120 Datasheet HTML 4Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3
Issue 5.1 April 2001
Ordering Information
Note :
Although this data is believed to be accurate the information contained herein is not intended to and does not create
any warranty of merchantibility or fitness for a particular purpose.
Our products are subject to a constant process of development. Data may be changed without notice.
Products are not authorised for use as critical components in life support devices without the express written
approval of a company director.
PUMA 68.V64006X I - 90
Speed
90 = 90ns
120 = 120ns
150 = 150ns
Temp. Range/Screening Blank = Commercial
I = Industrial
Power Consumption
Blank = Standard
Pinout Configuration
X = Industry Standard
Pinout
Memory Organisation
64006 = configurable as
8M x 8, 4M x 16 or
2M x 32
Technology
FV = FLASH (3.3V)
Package
PUMA 68 = 68 pin ‘J’ Leaded PLCC


Similar Part No. - PUMA68FV64006XI-120

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68FV16006X-12 MOSAIC-PUMA68FV16006X-12 Datasheet
70Kb / 5P
   512 K x 32 FLASH Module
PUMA68FV16006X-120 MOSAIC-PUMA68FV16006X-120 Datasheet
70Kb / 5P
   512 K x 32 FLASH Module
PUMA68FV16006X-70 MOSAIC-PUMA68FV16006X-70 Datasheet
70Kb / 5P
   512 K x 32 FLASH Module
PUMA68FV16006X-90 MOSAIC-PUMA68FV16006X-90 Datasheet
70Kb / 5P
   512 K x 32 FLASH Module
PUMA68FV16006XI-120 MOSAIC-PUMA68FV16006XI-120 Datasheet
70Kb / 5P
   512 K x 32 FLASH Module
More results

Similar Description - PUMA68FV64006XI-120

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68F64006X-90 MOSAIC-PUMA68F64006X-90 Datasheet
51Kb / 4P
   2M x 32 FLASH Module
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Hanbit Electronics Co.,...
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
logo
MOSAIC
PUMA84FV256006-90 MOSAIC-PUMA84FV256006-90 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
PUMA84FV128006-90 MOSAIC-PUMA84FV128006-90 Datasheet
110Kb / 3P
   4M x 32 FLASH Module
logo
Austin Semiconductor
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
logo
Hanbit Electronics Co.,...
HMS2M32M16G HANBIT-HMS2M32M16G Datasheet
282Kb / 10P
   SRAM MODULE 8Mbyte (2M x 32-Bit)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com