Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMA68S4000X-012 Datasheet(PDF) 6 Page - MOSAIC

Part # PUMA68S4000X-012
Description  128 K x 32 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68S4000X-012 Datasheet(HTML) 6 Page - MOSAIC

Back Button PUMA68S4000X-012 Datasheet HTML 2Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 3Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 4Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 5Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 6Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 7Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 8Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 9Page - MOSAIC PUMA68S4000X-012 Datasheet HTML 10Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Issue 5.1 April 2001
PAGE 6
Read Cycle 1 3,6,7,9
(Address Controlled)
Read Cycle 2 3,6,8,9
(/CS Controlled)
Address
DOUT
tRC
tAA
tOH
Data Valid
/CS
/OE
DOUT
Current
Supply
Data Valid
50%
50%
t
RC
1
t
OE
tOLZ
tPU
t
CLZ
tPD
t
OHZ
tCHZ
I
CC
I
SB
Notes
1 During VCC power-up, a pull-up resistor to VCC on /CS is required to meet I SB specification.
2 This parameter is sampled and not 100% tested.
3 For test conditions, see AC Test Conditions, Figures A, B, C.
4 tCLZ and tCHZ are specified with CL = 5pF as in Figure C. Transition is measured ±500mV
from steady-state voltage.
5 This parameter is guaranteed but not tested.
6 /WE is HIGH for read cycle.
7 /CS and /OE are LOW for Read cycle.
8 Address valid prior to or coincident with CS transition LOW.
9 All read cycle timings are referenced from the last valid address to the first transitioning address.
10 /CS or /WE must be HIGH during address transitions.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.


Similar Part No. - PUMA68S4000X-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-025 MOSAIC-PUMA68S16000X-025 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-015 MOSAIC-PUMA68S16000XB-015 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-017 MOSAIC-PUMA68S16000XB-017 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68S4000X-012

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
logo
MOSAIC
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com