Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEN62AAB Datasheet(PDF) 4 Page - TEMEX

Part # QEN62AAB
Description  Plastic J LEAD SMD XO - Communications Equipment Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN62AAB Datasheet(HTML) 4 Page - TEMEX

  QEN62AAB Datasheet HTML 1Page - TEMEX QEN62AAB Datasheet HTML 2Page - TEMEX QEN62AAB Datasheet HTML 3Page - TEMEX QEN62AAB Datasheet HTML 4Page - TEMEX QEN62AAB Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QEN62
Plastic J LEAD SMD XO – Communications Equipment Application
Specification (rev-F)
February 06
th, 2006
3
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Ordering Information
Part numbering system
QEN62
A
A
B
3.6864MHZ
Package type
Temperature Stability
Supply
Voltage
Output
Nominal Frequency
(MHz)
SMD Package
QEN62 : Plastic J Lead
SMD
A :
± 100ppm vs -10 to +70°C
B : ± 50ppm vs -10 to +70°C
D : ± 100ppm vs -40 to +85°C
F : ± 50ppm vs -40 to +85°C
A : + 5.0V
D : +3.3V
A : HCMOS 15pF
B : HCMOS 30pF
Please enter the nominal
frequency
Suggested Reflow Soldering Profile


Similar Part No. - QEN62AAB

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
   SMD 5x3.2 XO
QEN05AAA TEMEX-QEN05AAA Datasheet
569Kb / 5P
   SMD 5x3.2 XO
QEN05AAAR TEMEX-QEN05AAAR Datasheet
569Kb / 5P
   SMD 5x3.2 XO
QEN05AAB TEMEX-QEN05AAB Datasheet
569Kb / 5P
   SMD 5x3.2 XO
QEN05AABR TEMEX-QEN05AABR Datasheet
569Kb / 5P
   SMD 5x3.2 XO
More results

Similar Description - QEN62AAB

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN4 TEMEX-QEN4 Datasheet
417Kb / 3P
   DIL 8 Pin Half Size XO - Communications Equipment Application
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
MMD Components
MDH5 MMD-MDH5 Datasheet
112Kb / 2P
   Plastic 4 J-Lead Package
logo
Oscilent Corporation
420-12.0M-3DC-T OSCILENT-420-12.0M-3DC-T Datasheet
150Kb / 3P
   Plastic J-Lead HCMOS / TTL Output
logo
TEMEX
QEV4 TEMEX-QEV4 Datasheet
393Kb / 3P
   DIL 8 Pin Half Size VCXO - Communications Equipment Application
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
   Data Communications Equipment
logo
TEMEX
QEA95 TEMEX-QEA95 Datasheet
612Kb / 6P
   SMD 9.6x11.4 TCXO / VC-TCXO - Communications equipment applications
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
   SMD 5x3.2 XO
logo
Bourns Electronic Solut...
SDR1005-R68ML BOURNS-SDR1005-R68ML Datasheet
220Kb / 2P
   SMD Power Inductors Available in E6 series Portable communications equipment
logo
Murata Manufacturing Co...
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com