Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PE10-VMP6G Datasheet(PDF) 9 Page - STMicroelectronics

Part # M25PE10-VMP6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMP6G Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M25PE10-VMP6G Datasheet HTML 5Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 6Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 7Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 8Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 9Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 10Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 11Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 12Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
M25PE20, M25PE10
Signal description
9/60
2.7
Write Protect (W) or Top Sector Lock (TSL)
The Write Protect function is available in the T9HX process only (see Important
note on page 6).
The Write Protect (W) input is used to freeze the size of the area of memory that is
protected against write, program and erase instructions (as specified by the values in
theBP1 and BP0 bits of the Status Register. See Section 6.4: Read Status Register
(RDSR) for a description of these bits).
The Top Sector Lock function is available in the T7X process only (see Important
note on page 6).
The input signal sets the device in the Hardware Protected mode, when Top Sector
Lock (TSL) is connected to VSS, causing the top 256 pages (upper addresses) of the
memory to become read-only (protected from write, program and erase operations).
When Top Sector Lock (TSL) is connected to VCC, the top 256 pages of memory
behave like the other pages of memory.
2.8
VCC supply voltage
VCC is the supply voltage.
2.9
VSS ground
VSS is the reference for the VCC supply voltage.


Similar Part No. - M25PE10-VMP6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE10-VMP6G NUMONYX-M25PE10-VMP6G Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
More results

Similar Description - M25PE10-VMP6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com