Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMXW324 Datasheet(PDF) 3 Page - TEMEX

Part # TMXW324
Description  SAW Passband Filter - MOBILE COMMUNICATION - RF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW324 Datasheet(HTML) 3 Page - TEMEX

  TMXW324 Datasheet HTML 1Page - TEMEX TMXW324 Datasheet HTML 2Page - TEMEX TMXW324 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TMX W324
SAW Passband Filter - MOBILE COMMUNICATION - RF
Preliminary Specification (Rev 1)
May 10
th, 2005
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
TYPICAL S21 RESPONSE
PACKAGE DRAWING


Similar Part No. - TMXW324

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW320 TEMEX-TMXW320 Datasheet
318Kb / 5P
   SAW Bandpass Filter - CDMA Rx - RF
TMXW328 TEMEX-TMXW328 Datasheet
309Kb / 3P
   SAW Bandpass Filter - GSM Rx - RF
TMXW329 TEMEX-TMXW329 Datasheet
319Kb / 3P
   SAW Bandpass Filter - GSM Rx - RF
More results

Similar Description - TMXW324

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW317 TEMEX-TMXW317 Datasheet
382Kb / 3P
   SAW Passband Filter - MOBILE COMMUNICATION - RF
TMXW319 TEMEX-TMXW319 Datasheet
449Kb / 3P
   SAW Passband Filter - MOBILE COMMUNICATION - RF
TMXW310 TEMEX-TMXW310 Datasheet
401Kb / 3P
   SAW Passband Filter - MOBILE COMMUNICATION - IF
TMXW339 TEMEX-TMXW339 Datasheet
345Kb / 3P
   SAW Passband Filter - REMOTE CONTROL - RF
TMXW306 TEMEX-TMXW306 Datasheet
329Kb / 3P
   SAW PASSBAND Filter - Remote Control - RF
TMXW341 TEMEX-TMXW341 Datasheet
379Kb / 3P
   SAW Passband Filter - REMOTE CONTROL - RF
TMXU392 TEMEX-TMXU392 Datasheet
303Kb / 3P
   SAW Passband Filter - Remote Control - RF
logo
TAI-SAW TECHNOLOGY CO.,...
TA0166A TAI-SAW-TA0166A Datasheet
194Kb / 7P
   SAW Filter 881.5MHz For Mobile Communication
logo
Golledge Electronics Lt...
MA04452 GOLLEDGE-MA04452 Datasheet
286Kb / 6P
   SAW Filter for Mobile Communication 2140MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1842FG TAI-SAW-TA1842FG Datasheet
146Kb / 7P
   RF SAW Filter 1842.5 MHz 75MHz Bw for Mobile Communication
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com