Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEV101 Datasheet(PDF) 3 Page - TEMEX

Part # QEV101
Description  SMD 7x5 VCXO - Communications Equipment Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEV101 Datasheet(HTML) 3 Page - TEMEX

  QEV101 Datasheet HTML 1Page - TEMEX QEV101 Datasheet HTML 2Page - TEMEX QEV101 Datasheet HTML 3Page - TEMEX QEV101 Datasheet HTML 4Page - TEMEX QEV101 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QEV101
SMD 7x5 VCXO – Communications Equipment Application
Specification (rev-F)
April 05
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Mechanical Characteristics
BOTTOM VIEW
SUGGESTED PAD
Pin connections
Hmax = 2.0mm max
#1
VCONTROL
#2
Tri state
#3
Ground
#4
Output
#5
N.C.
#6
+VCC
Tristate Function
Pin
≠1
Output (Pin
≠4)
Open
Active
“1”
Active
“0”
High Z
Marking
Line 1
Manufacturing code + V1 + stability/supply voltage/pulling code
Line 2
Frequency in MHz (6 digits)
Line 3
Date code (YYWW)
Example for QEV101BAB / 10MHz
Line 1 : NV1BAB
Line 2 : 10.000
Line 3 : 0614


Similar Part No. - QEV101

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
QEV24 CONQUER-QEV24 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24060 CONQUER-QEV24060 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24070 CONQUER-QEV24070 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24080 CONQUER-QEV24080 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24090 CONQUER-QEV24090 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
More results

Similar Description - QEV101

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEV4 TEMEX-QEV4 Datasheet
393Kb / 3P
   DIL 8 Pin Half Size VCXO - Communications Equipment Application
QEN62 TEMEX-QEN62 Datasheet
460Kb / 5P
   Plastic J LEAD SMD XO - Communications Equipment Application
QEN4 TEMEX-QEN4 Datasheet
417Kb / 3P
   DIL 8 Pin Half Size XO - Communications Equipment Application
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
   Data Communications Equipment
logo
TEMEX
QEA95 TEMEX-QEA95 Datasheet
612Kb / 6P
   SMD 9.6x11.4 TCXO / VC-TCXO - Communications equipment applications
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
ECS, Inc.
ECS-2532VXO ECS-ECS-2532VXO Datasheet
254Kb / 2P
   SMD VCXO
logo
Bourns Electronic Solut...
SDR1005-R68ML BOURNS-SDR1005-R68ML Datasheet
220Kb / 2P
   SMD Power Inductors Available in E6 series Portable communications equipment
logo
Murata Manufacturing Co...
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com