Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1605 Datasheet(PDF) 1 Page - First Components International

Part # FR1605
Description  16 Amp PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR1605 Datasheet(HTML) 1 Page - First Components International

  FR1605 Datasheet HTML 1Page - First Components International FR1605 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n DIFFUSED JUNCTION
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
FR1601 . . . 1606 Series
Data Sheet
16 Amp PLASTIC
SILICON RECTIFIERS
Units
Volts
Volts
Volts
............................................. 16 ...............................................
............................................. 300 ...............................................
............................................. 1.1 ...............................................
............................................. 10 ...............................................
............................................. 100 ...............................................
............................................. 55 ...............................................
............................................. 3.0 ...............................................
......................................... -65 to 175 ..........................................
Amps
Amps
Volts
µAmps
µAmps
pF
°C / W
°C
FR1601
FR1602
FR1603
FR1604
FR1605
FR1606
50
100
200
400
600
800
35
70
140
280
420
560
50
100
200
400
600
800
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n LOW COST
n LOW LEAKAGE
Page 9-20
Average Forward Rectified Current...I
F(av)
T
A = 55°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Forward Voltage @ 8.0A...V
F
DC Reverse Current...I
R
@25°C
@ Rated DC Blocking Voltage
@ 100°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJC (Note 2)
Operating & Storage Temperature Range...T
J, TSTRG
.50
.14
.25
.100
JEDEC
T0-220AB
.225 Min
.10
.39 .42
.620


Similar Part No. - FR1605

ManufacturerPart #DatasheetDescription
logo
Bytes
FR1605 BYTES-FR1605 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR1605 FORMOSA-FR1605 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR1605 DAESAN-FR1605 Datasheet
290Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
logo
UNIOHM CORPORATION
FR1605 UNIOHM-FR1605 Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1605 DGNJDZ-FR1605 Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR1605

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
6A05 DYELEC-6A05 Datasheet
486Kb / 2P
   6.0 AMP. Silicon Rectifiers Plastic
logo
SHIKUES Electronics
10A05 SKTECHNOLGY-10A05 Datasheet
820Kb / 2P
   10.0 AMP. Plastic Silicon Rectifiers
logo
DIYI Electronic Technol...
1N5400 DYELEC-1N5400 Datasheet
596Kb / 2P
   3.0 AMP. Silicon Rectifiers Plastic
8A05 DYELEC-8A05 Datasheet
636Kb / 2P
   8.0 AMP. Silicon Rectifiers Plastic
1N4001 DYELEC-1N4001 Datasheet
765Kb / 2P
   1.0 AMP. Plastic Silicon Rectifiers
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR2501 FCI-FR2501 Datasheet
140Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
   1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR5001 FCI-FR5001 Datasheet
139Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com