Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEN05DNBR Datasheet(PDF) 2 Page - TEMEX

Part # QEN05DNBR
Description  SMD 5x3.2 XO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN05DNBR Datasheet(HTML) 2 Page - TEMEX

  QEN05DNBR Datasheet HTML 1Page - TEMEX QEN05DNBR Datasheet HTML 2Page - TEMEX QEN05DNBR Datasheet HTML 3Page - TEMEX QEN05DNBR Datasheet HTML 4Page - TEMEX QEN05DNBR Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QEN05
SMD 5x3.2 XO – Communications Equipment Application
Specification (rev-C)
December 15
th, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Test conditions
Frequency range
(see note 1)
MHz
1.544
125
Output logic
HCMOS / TTL Output
Operating temperature
range (see table 1)
°C
-10 to +70
-40 to +85
Refer to Ordering
Information
Storage temperature
range
°C
-55
+125
Power supply voltage
(Vcc)
V
+1.8
+5.0
Refer to Ordering
Information
Frequency Stability
(see note 2)
± ppm
25
50
100
Refer to Ordering
Information
Aging (First Year)
± ppm
5
Ref at 25°C
Input current
(see table 2)
mA
Output load
pF
15
30
Refer to Ordering
Information
Duty cycle
(see note 3)
%
40/60
Refer to Ordering
Information
Rise & Fall time
ns
7
From 10% Vcc to
90% Vcc
Start-up time
ms
10
From 10% Vcc to
90% Vcc
Note 1: Not all voltages, loads or stabilities are available for frequency over 70 MHz.
Note 2: Include 25°C tolerance, operating temperature range, input voltage change, load change, first year
aging, shock and vibration.
Note 3: Duty cycle 45/55% is available on option.
Table 1 : Stability Codes
± 25ppm
± 50ppm
± 100ppm
-10 to +70°C
C
B
A
- 40 to +85°C
G
F
D
Table 2 : Input Current
Vcc=5V
Vcc=3.3V Vcc=2.5V Vcc=1.8V
Frequency
range (MHz)
Cl=15 pF
Cl=15pF
Cl=15pF
Cl=15pF
1.544 to 9.999
15 mA
8 mA
7 mA
6 mA
10.00 to 34.999
20 mA
10 mA
8 mA
7 mA
35.00 to 49.999
35 mA
25 mA
20 mA
15 mA
50.00 to 125
40 mA
35 mA
30 mA
25 mA


Similar Part No. - QEN05DNBR

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101AAA RAKON-QEN101AAA Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101AAB RAKON-QEN101AAB Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101ADA RAKON-QEN101ADA Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101ADB RAKON-QEN101ADB Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
More results

Similar Description - QEN05DNBR

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
   SMD 5x3.2 20.000MHz TCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
   SMD 5x3.2 16.367667MHz TCXO
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
   SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
   SMD 5x3.2 18.414MHz TCXO
logo
MMD Components
MUL MMD-MUL_12 Datasheet
154Kb / 2P
   MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
   MUV Series 5X3.2 Ceramic SMD Oscillator
logo
Fox Electronics
FTP301AH FOX-FTP301AH Datasheet
502Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
FTP300H FOX-FTP300H Datasheet
493Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com