Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEN4BHJHQ100 Datasheet(PDF) 1 Page - TEMEX

Part # QEN4BHJHQ100
Description  DIL 8 Pin Half Size XO - Communications Equipment Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN4BHJHQ100 Datasheet(HTML) 1 Page - TEMEX

  QEN4BHJHQ100 Datasheet HTML 1Page - TEMEX QEN4BHJHQ100 Datasheet HTML 2Page - TEMEX QEN4BHJHQ100 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FREQUENCY
QEN4
DIL 8 Pin Half Size XO – Communications Equipment Application
Specification (Rev-B)
Electrical Characteristics ......................................................P01
Mechanical Characteristics ...................................................P02
Ordering Information .............................................................P02


Similar Part No. - QEN4BHJHQ100

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
More results

Similar Description - QEN4BHJHQ100

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEV4 TEMEX-QEV4 Datasheet
393Kb / 3P
   DIL 8 Pin Half Size VCXO - Communications Equipment Application
QEN14 TEMEX-QEN14 Datasheet
416Kb / 3P
   DIL 14 Pin Full Size XO
QEN62 TEMEX-QEN62 Datasheet
460Kb / 5P
   Plastic J LEAD SMD XO - Communications Equipment Application
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
   5V VCXO in half size 8 pin DIL package
logo
Oscilent Corporation
350-6.144M-5DN-TNC OSCILENT-350-6.144M-5DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Programmable XO
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
EUROQUARTZ limited
GDF8 EUROQUARTZ-GDF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPA8 EUROQUARTZ-GPA8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPF8 EUROQUARTZ-GPF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
logo
HALO Electronics, Inc.
TD11-6006FLF HALO-TD11-6006FLF Datasheet
426Kb / 2P
   8 Pin DIL Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com