Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62300YZDT Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62300YZDT
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62300YZDT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62300YZDT Datasheet HTML 6Page - Texas Instruments TPS62300YZDT Datasheet HTML 7Page - Texas Instruments TPS62300YZDT Datasheet HTML 8Page - Texas Instruments TPS62300YZDT Datasheet HTML 9Page - Texas Instruments TPS62300YZDT Datasheet HTML 10Page - Texas Instruments TPS62300YZDT Datasheet HTML 11Page - Texas Instruments TPS62300YZDT Datasheet HTML 12Page - Texas Instruments TPS62300YZDT Datasheet HTML 13Page - Texas Instruments TPS62300YZDT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
www.ti.com
t − Time − 2 ms/div
IO = 10 to 100 mA Load Step
IO = 10 to 400 mA Load Step
VI = 3.6 V,
VO = 1.6 V
MODE/SYNC = HIGH
L = 0.9 mH, CO = 10 mF
t − Time − 50 ms/div
IO = 10 to 100 mA Load Step
IO = 10 to 400 mA Load Step
VI = 3.6 V,
VO = 1.6 V
MODE/SYNC = HIGH
L = 0.9 mH, CO = 10 mF
t - Time - 2 ms/div
IO = 400 to 10 mA Load Step
IO = 100 to 10 mA Load Step
VI = 3.6 V,
VO = 1.6 V
MODE/SYNC = HIGH
L = 0.9 mH, CO = 10 mF
t − Time − 50 ms/div
PFM Operation
VI = 3.6 V,
VO = 1.6 V
L = 0.9 mH, CO = 10 mF
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
LOAD TRANSIENT RESPONSE IN
LOAD TRANSIENT RESPONSE IN
PWM OPERATION
PWM OPERATION
Figure 9.
Figure 10.
LOAD TRANSIENT RESPONSE IN
LOAD TRANSIENT RESPONSE
PWM OPERATION
IN PFM MODE
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321


Similar Part No. - TPS62300YZDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300YZDT TI-TPS62300YZDT Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62300YZDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com